Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9701A Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM9701A
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701A Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM9701A Datasheet HTML 1Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 2Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 3Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 4Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 5Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 6Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 7Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 8Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
WM9701A
Production Data
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
2
ORDERING INFORMATION
PIN CONFIGURATION
DEVICE
TEMP. RANGE
PACKAGE
WM9701ACFT/V
0
o to 70oC
48-pin TQFP
DVDD1
DVSS2
BITCLK
SDATAOUT
DVSS1
XTLOUT
XTLIN
SDATIN
DVDD2
SYNC
RESETB
PCBEEP
LINEOUTR
NC
NC
CAP2
NC
NC
LINEOUTL
AVDD1
AVSS1
VREF
VREFOUT
NC
1
9
8
7
6
5
4
3
2
12
11
10
24
23
16 17 18 19 20 21 22
13 14 15
25
31
30
29
28
27
26
36
35
34
33
32
37
47 46 45 44 43 42 41 40 39 38
48
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
As per specifications IPC/JEDEC J-STD-020A and JEDEC A113-B, this product requires specific storage conditions prior to
surface mount assembly. It has been classified as having a Moisture Sensitivity Level of 2 and as such will be supplied in
vacuum-sealed moisture barrier bags.
CONDITION
MIN
MAX
Digital supply voltage
-0.3V
+7V
Analogue supply voltage
-0.3V
+7V
Voltage range digital inputs
DVSS -0.3V
DVDD +0.3V
Voltage range analogue inputs
AVSS -0.3V
AVDD +0.3V
Operating temperature range, TA
0
oC+70oC
Storage temperature
-65
oC
+150
oC
Package body temperature (soldering 10 seconds)
+240
oC
Package body temperature (soldering 2 minutes)
+183
oC
Note:
1.
The digital supply voltage (DVDD) must always be less than or equal to the analogue supply voltage (AVDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com