Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9701A Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM9701A
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701A Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM9701A Datasheet HTML 16Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 17Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 18Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 19Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 20Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 21Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 22Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 23Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Production Data
WM9701A
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
23
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 to C4
10nF
De-coupling for DVDD and AVDD
C5 to C17
470nF
AC coupling capacitors for setting DC level of analogue inputs.
Value chosen to give corner frequency below 20Hz for minimum 10K input impedance.
C18
1
µF
C19
0.1
µF
C20
10
µF
C21
0.1
µF
C22
10
µF
Reference de-coupling capacitors for ADC, DAC, Mixer and CAP2 references.
Ceramic type or similar.
C23 to C25
10
µF
Output AC coupling caps to remove VREF DC level from outputs.
C26 and C27
22pF
Optional capacitors for better crystal frequency stability.
XT
24.576 MHz
AC’97 master clock frequency. A bias resistor is not required, but if connected will not
affect operation if value is large (above 1M
Ω).
Table 11 External Component Recommendations
RECOMMENDATIONS FOR 3.3V OPERATION
The device’s performance with AVDD = 3.3V is shown in Electrical Characteristics.
In 3.3V analogue operation, mid-rail reference scales to 1.5V. All ADC and DAC references are
3/5
ths of their nominal 5V value. Input and output signals that are 1Vrms in 5V applications, scale to
660mVrms in 3.3V applications. If 1Vrms output is required, the mixer gain adjust PGAs need to be
increased by 3 times 1.5dB steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com