Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS12 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 23Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 24Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 25Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 26Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 27Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 28Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 29Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 30Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
27
operations. Shift and rotate instructions operate through the C bit to facilitate
multiple-word shifts.
2.3 Data Types
The CPU12 uses these types of data:
• Bits
• 5-bit signed integers
• 8-bit signed and unsigned integers
• 8-bit, 2-digit binary-coded decimal numbers
• 9-bit signed integers
• 16-bit signed and unsigned integers
• 16-bit effective addresses
• 32-bit signed and unsigned integers
Negative integers are represented in two’s complement form.
Five-bit and 9-bit signed integers are used only as offsets for indexed
addressing modes.
Sixteen-bit effective addresses are formed during addressing mode
computations.
Thirty-two-bit integer dividends are used by extended division instructions.
Extended multiply and extended multiply-and-accumulate instructions
produce 32-bit products.
2.4 Memory Organization
The standard CPU12 address space is 64 Kbytes. Some M68HC12 devices
support a paged memory expansion scheme that increases the standard
space by means of predefined windows in address space. The CPU12 has
special instructions that support use of expanded memory.
Eight-bit values can be stored at any odd or even byte address in available
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com