Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS12 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 36Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 37Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 38Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 39Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 40Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 41Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 42Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 43Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
40
Freescale Semiconductor
In the STAA 1,–SP example, the stack pointer is pre-decremented by one
and then A is stored to the address contained in the stack pointer. Similarly
the LDX 2,SP+ first loads X from the address in the stack pointer, then
post-increments SP by two.
Example:
MOVW
2,X+,4,+Y
This example demonstrates how to work with data structures larger than
bytes and words. With this instruction in a program loop, it is possible to
move words of data from a list having one word per entry into a second table
that has four bytes per table element. In this example the source pointer is
updated after the data is read from memory (post-increment) while the
destination pointer is updated before it is used to access memory
(pre-increment).
3.9.6 Accumulator Offset Indexed Addressing
In this indexed addressing mode, the effective address is the sum of the
values in the base index register and an unsigned offset in one of the
accumulators. The value in the index register itself is not changed. The
index register can be X, Y, SP, or PC and the accumulator can be either of
the 8-bit accumulators (A or B) or the 16-bit D accumulator.
Example:
LDAA
B,X
This instruction internally adds B to X to form the address from which A will
be loaded. B and X are not changed by this instruction. This example is
similar to the following 2-instruction combination in an M68HC11.
Examples:
ABX
LDAA
0,X
However, this 2-instruction sequence alters the index register. If this
sequence was part of a loop where B changed on each pass, the index
register would have to be reloaded with the reference value on each loop
pass. The use of LDAA B,X is more efficient in the CPU12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com