Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS12 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 26Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 27Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 28Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 29Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 30Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 31Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 32Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 33Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
30
Freescale Semiconductor
Table 3-1. M68HC12 Addressing Mode Summary
Addressing Mode
Source Format
Abbreviation
Description
Inherent
INST
(no externally
supplied operands)
INH
Operands (if any) are in CPU registers
Immediate
INST #opr8i
or
INST #opr16i
IMM
Operand is included in instruction stream
8- or 16-bit size implied by context
Direct
INST opr8a
DIR
Operand is the lower 8 bits of an address
in the range $0000–$00FF
Extended
INST opr16a
EXT
Operand is a 16-bit address
Relative
INST rel8
or
INST rel16
REL
An 8-bit or 16-bit relative offset from the current pc
is supplied in the instruction
Indexed
(5-bit offset)
INST oprx5,xysp
IDX
5-bit signed constant offset
from X, Y, SP, or PC
Indexed
(pre-decrement)
INST oprx3,–xys
IDX
Auto pre-decrement x, y, or sp by 1 ~ 8
Indexed
(pre-increment)
INST oprx3,+xys
IDX
Auto pre-increment x, y, or sp by 1 ~ 8
Indexed
(post-decrement)
INST oprx3,xys–
IDX
Auto post-decrement x, y, or sp by 1 ~ 8
Indexed
(post-increment)
INST oprx3,xys+
IDX
Auto post-increment x, y, or sp by 1 ~ 8
Indexed
(accumulator offset)
INST abd,xysp
IDX
Indexed with 8-bit (A or B) or 16-bit (D)
accumulator offset from X, Y, SP, or PC
Indexed
(9-bit offset)
INST oprx9,xysp
IDX1
9-bit signed constant offset from X, Y, SP, or PC
(lower 8 bits of offset in one extension byte)
Indexed
(16-bit offset)
INST oprx16,xysp
IDX2
16-bit constant offset from X, Y, SP, or PC
(16-bit offset in two extension bytes)
Indexed-Indirect
(16-bit offset)
INST [oprx16,xysp]
[IDX2]
Pointer to operand is found at...
16-bit constant offset from X, Y, SP, or PC
(16-bit offset in two extension bytes)
Indexed-Indirect
(D accumulator offset)
INST [D,xysp]
[D,IDX]
Pointer to operand is found at...
X, Y, SP, or PC plus the value in D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com