Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS12 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 37Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 38Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 39Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 40Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 41Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 42Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 43Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 44Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
41
3.9.7 Accumulator D Indirect Indexed Addressing
This indexed addressing mode adds the value in the D accumulator to the
value in the base index register to form the address of a memory location
that contains a pointer to the memory location affected by the instruction.
The instruction operand does not point to the address of the memory
location to be acted upon, but rather to the location of a pointer to the
address to be acted upon. The square brackets distinguish this addressing
mode from D accumulator offset indexing.
Examples:
JMP
[D,PC]
GO1
DC.W
PLACE1
GO2
DC.W
PLACE2
GO3
DC.W
PLACE3
This example is a computed GOTO. The values beginning at GO1 are
addresses of potential destinations of the jump (JMP) instruction. At the time
the JMP [D,PC] instruction is executed, PC points to the address GO1, and
D holds one of the values $0000, $0002, or $0004 (determined by the
program some time before the JMP).
Assume that the value in D is $0002. The JMP instruction adds the values
in D and PC to form the address of GO2. Next the CPU reads the address
PLACE2 from memory at GO2 and jumps to PLACE2. The locations of
PLACE1 through PLACE3 were known at the time of program assembly but
the destination of the JMP depends upon the value in D computed during
program execution.
3.10 Instructions Using Multiple Modes
Several CPU12 instructions use more than one addressing mode in the
course of execution.
3.10.1 Move Instructions
Move instructions use separate addressing modes to access the source and
destination of a move. There are move variations for all practical
combinations of immediate, extended, and indexed addressing modes.
The only combinations of addressing modes that are not allowed are those
with an immediate mode destination (the operand of an immediate mode
instruction is data, not an address). For indexed moves, the reference index
register may be X, Y, SP, or PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com