Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS12 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 33Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 34Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 35Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 36Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 37Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 38Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 39Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 40Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
37
3.9.1 5-Bit Constant Offset Indexed Addressing
This indexed addressing mode uses a 5-bit signed offset which is included
in the instruction postbyte. This short offset is added to the base index
register (X, Y, SP, or PC) to form the effective address of the memory
location that will be affected by the instruction. This gives a range of 16
through +15 from the value in the base index register. Although other
indexed addressing modes allow 9- or 16-bit offsets, those modes also
require additional extension bytes in the instruction for this extra
information. The majority of indexed instructions in real programs use
offsets that fit in the shortest 5-bit form of indexed addressing.
Examples:
LDAA
0,X
STAB
8,Y
For these examples, assume X has a value of $1000 and Y has a value of
$2000 before execution. The 5-bit constant offset mode does not change
the value in the index register, so X will still be $1000 and Y will still be $2000
after execution of these instructions. In the first example, A will be loaded
with the value from address $1000. In the second example, the value from
the B accumulator will be stored at address $1FF8 ($2000 –$8).
3.9.2 9-Bit Constant Offset Indexed Addressing
This indexed addressing mode uses a 9-bit signed offset which is added to
the base index register (X, Y, SP, or PC) to form the effective address of the
memory location affected by the instruction. This gives a range of 256
through +255 from the value in the base index register. The most significant
bit (sign bit) of the offset is included in the instruction postbyte and the
remaining eight bits are provided as an extension byte after the instruction
postbyte in the instruction flow.
Examples:
LDAA
$FF,X
LDAB
20,Y
For these examples, assume X is $1000 and Y is $2000 before execution of
these instructions.
NOTE:
These instructions do not alter the index registers so they will still be $1000
and $2000, respectively, after the instructions.
The first instruction will load A with the value from address $10FF and the
second instruction will load B with the value from address $1FEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com