Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA9903B Datasheet(PDF) 1 Page - Sames

Part # SA9903B
Description  Single Phase Power / Energy IC with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9903B Datasheet(HTML) 1 Page - Sames

  SA9903B Datasheet HTML 1Page - Sames SA9903B Datasheet HTML 2Page - Sames SA9903B Datasheet HTML 3Page - Sames SA9903B Datasheet HTML 4Page - Sames SA9903B Datasheet HTML 5Page - Sames SA9903B Datasheet HTML 6Page - Sames SA9903B Datasheet HTML 7Page - Sames SA9903B Datasheet HTML 8Page - Sames SA9903B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
+ FEATURES
+ Bi-directional active and reactive power/energy
measurement
+ RMS Voltage and frequency measurement
+ SPI communication bus
+ Meets the IEC 521/1036 Specification requirements for
Class 1 AC Watt hour meters
sames
sames
Single Phase Power / Energy IC
with SPI Interface
SA9903B
1/12
SPEC-0051 (REV. 2)
26-02-01
+ Meets the IEC 1268 Specification requirements for VAR
hour meters
+ Protected against ESD
+ Total power consumption rating below 25mW
+ Adaptable to different current sensor technologies
+ Operates over a wide temperature range
+ Precision voltage reference on-chip
DESCRIPTION
The SAMES SA9903B is a single phase bi-directional
energy/power metering integrated circuit that performs
measurement of active and reactive power, mains voltage and
mains frequency.
The SA9903B is pin compatible to the SA9603B. New features
include, RMS mains voltage and accurate reactive power
measurements.
Measured values for active and reactive energy, the mains
voltage and frequency are accessible through a SPI bus from
24 bit registers.
This innovative universal single phase power/energy metering
integrated circuit is ideally suited for energy calculations in
applications such as electricity dispensing systems (ED's),
residential municipal metering and factory energy metering
and control.
TheSA9903B integrated circuit is available in both 20 pin dual-
in-line plastic (DIP-20), as well as 20 pin small outline (SOIC-
20) package types.
Figure 1: Block diagram
IVP
SPI
VOLTAGE
REF.
DI
VSS
VDD
DO
FMO
VREF
Dr-01583
OSC2
OSC1
GND
ACTIVE
REACTIVE
RMS
VOLTAGE
MAINS.
FREQ.
CURRENT
ADC
VOLTAGE
ADC
SCK
CS
OSC
IIP
IIN
TEST


Similar Part No. - SA9903B

ManufacturerPart #DatasheetDescription
logo
Sames
SA9903BSAR SAMES-SA9903BSAR Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
More results

Similar Description - SA9903B

ManufacturerPart #DatasheetDescription
logo
Sames
PM9603APA SAMES-PM9603APA Datasheet
138Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
SA9103C SAMES-SA9103C Datasheet
251Kb / 16P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9103E SAMES-SA9103E Datasheet
125Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9603C SAMES-SA9603C Datasheet
214Kb / 18P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9604A SAMES-SA9604A Datasheet
106Kb / 20P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
logo
List of Unclassifed Man...
SA9904B ETC-SA9904B Datasheet
106Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909 Datasheet
1Mb / 40P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
logo
Sames
SA9904A SAMES-SA9904A Datasheet
160Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_09 Datasheet
1Mb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
logo
Sames
SA9904B SAMES-SA9904B Datasheet
279Kb / 12P
Three Phase Power Energy IC with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com