Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA9903B Datasheet(PDF) 2 Page - Sames

Part # SA9903B
Description  Single Phase Power / Energy IC with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9903B Datasheet(HTML) 2 Page - Sames

  SA9903B Datasheet HTML 1Page - Sames SA9903B Datasheet HTML 2Page - Sames SA9903B Datasheet HTML 3Page - Sames SA9903B Datasheet HTML 4Page - Sames SA9903B Datasheet HTML 5Page - Sames SA9903B Datasheet HTML 6Page - Sames SA9903B Datasheet HTML 7Page - Sames SA9903B Datasheet HTML 8Page - Sames SA9903B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
sames
sames
SA9903B
2/12
3
http://www.sames.co.za
ELECTRICAL CHARACTERISTICS
#
(V = 2.5V, V = -2.5V, over the temperature range -10°C to +70°C , unless otherwise specified.)
DD
SS
Operating temp. Range
°C
V
µA
µA
T
O
V
DD
I
II
I
IV
-25
-25
-25
2.25
+25
+25
+85
2.75
Peak value
Peak value
I
= 5mA
OL
I
= -2mA
OH
Condition
Unit
Max
Typ
Min
Symbol
Parameter
V
V
SS
-2.75
-2.25
I
DD
5.1
3.56
mA
I
SS
5.1
3.56
mA
V
V
V
IH
V
IL
f
SCK
t
LO
t
HI
V-1
DD
V+1
SS
kHz
µs
µs
0.6
0.6
800
V
V
V
IH
V
IL
V-1
DD
V+1
SS
V
V
V-1
DD
V+1
SS
V
OL
V
OH
Recommended crystal: TV colour burst crystal f = 3.5795 MHz
With R = 24kW
connected to V
SS
Reference to V
SS
µA
V
45
1.1
55
1.3
-I
R
V
R
50
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
V -V
-0.3
6.0
V
DD
SS
Current on any pin
I
-150
+150
mA
PIN
Storage Temperature
T
-40
+125
°C
STG
Operating Temperature
T
-40
+85
°C
O
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Current Sensor Inputs (Differential)
Voltage Sensor Input (Asymmetrical)
Input Current Range
Supply Voltage: Positive
Supply Voltage: Negative
Supply Current: Negative
Supply Current: Positive
Input Current Range
Pin VREF
Ref. Current
Ref. Voltage
Oscillator
Pins SCK
High Voltage
Low Voltage
Pins CS, DI
High Voltage
Low Voltage
Pins FMO, DO
Low Voltage
High Voltage
Digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com