Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA9903B Datasheet(PDF) 5 Page - Sames

Part # SA9903B
Description  Single Phase Power / Energy IC with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9903B Datasheet(HTML) 5 Page - Sames

  SA9903B Datasheet HTML 1Page - Sames SA9903B Datasheet HTML 2Page - Sames SA9903B Datasheet HTML 3Page - Sames SA9903B Datasheet HTML 4Page - Sames SA9903B Datasheet HTML 5Page - Sames SA9903B Datasheet HTML 6Page - Sames SA9903B Datasheet HTML 7Page - Sames SA9903B Datasheet HTML 8Page - Sames SA9903B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
sames
sames
SA9903B
http://www.sames.co.za
OUTPUT SIGNALS
SERIAL DATA OUT (DO)
The DO pin is the serial data output pin for the SA9903B. The
Serial Clock (SCK) determines the data output rate. Data is
only transferred during on active chip select (CS). This output
is tri-state when CS is low.
MAINS VOLTAGE SENSE ZERO CROSSOVER
(FMO)
The FMO output generates a signal, which follows the mains
voltage zero crossings, see figure 4. The micro controller may
use the FMO to extract mains timing.
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
The SA9903B Integrated Circuit's inputs/outputs are protected
against ESD.
POWER CONSUMPTION
The power consumption rating of the SA9903B integrated
circuit is less than 25mW.
Figure 4: Mains voltage zero corssover pin FMO
ID
1
2
3
4
Register
Active
Reactive
Voltage
Frequency
1
1
1
1
1
1
1
1
0
0
0
0
A5
X
X
X
X
A4
X
X
X
X
A3
0
0
0
0
A2
0
0
0
0
A1
0
0
1
1
A0
0
1
0
1
Header
bits
SPI - INTERFACE
DESCRIPTION
A serial peripheral interface bus (SPI) is a synchronous bus
used for data transfers between a micro controller and the
SA9903B. The pins DO (Serial Data Out), DI (Serial Data In),
CS (Chip Select), and SCK (Serial Clock) are used in the bus
implementation. The SA9903B is the slave device with the
micro controller the bus master. The CS input initiates and
terminates data transfers. A SCK signal (generated by the
micro controller) strobes data between the micro-controller
and the SCK pin of the SA9903B device. The DI and DO pins
are the serial data input and output pins for the SA9903B,
respectively.
REGISTER ACCESS
The SA9903B contains four 24 bit registers. The content
represents active energy, reactive energy, mains voltage and
mains frequency. The register addresses are shown in the
following table:
Dr-01498
Voltage
+5V (V )
DD
0V (V )
SS
FM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com