Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA9903B Datasheet(PDF) 6 Page - Sames

Part # SA9903B
Description  Single Phase Power / Energy IC with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9903B Datasheet(HTML) 6 Page - Sames

Back Button SA9903B Datasheet HTML 2Page - Sames SA9903B Datasheet HTML 3Page - Sames SA9903B Datasheet HTML 4Page - Sames SA9903B Datasheet HTML 5Page - Sames SA9903B Datasheet HTML 6Page - Sames SA9903B Datasheet HTML 7Page - Sames SA9903B Datasheet HTML 8Page - Sames SA9903B Datasheet HTML 9Page - Sames SA9903B Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
sames
sames
SA9903B
6/12
http://www.sames.co.za
The sequence 110 (0x06) must precede the 6-bit address of
the register being accessed. When CS is HIGH, data on pin DI
is clocked into the SA9903B on the rising edge of SCK. Figure
5 shows the data clocked into DI comprising of 1 1 0 A5 A4 A3
A2 A1 A0.
Address locations A5 and A4 are included for compatibility with
future developments.
Registers may be read individually and in any order. After a
register has been read, the contents of the next register value
will be shifted out on the DO pin with every SCK clock cycle.
Data output on DO will continue until CS is inactive.
The 9 bits needed for register addressing can be padded with
leading zeros when the micro-controller requires a 8 bit SPI
word length. The following sequence is valid:
0000 0001 10A5A4
A3A2A1A0
DATA FORMAT
Figure 5 shows the SPI waveforms. After the least significant
digit of the address has been entered on the rising edge of
SCK, the output DO goes low with the falling edge of SCK.
Each subsequent falling edge transition on the SCK pin will
validate the next data bit on the DO pin.
The content of each register consists of 24 bits of data. The
MSB is shifted out first.
Figure 6: SPI Timing diagrams with timing information
Figure 5: SPI waveforms
t1
t5
t3
SCK
DI
DO
CS
DR-01545
t4
t2
1
1
A5
A0
A1
A2
A3
A4
0
D23
D22
D21
D1
D0
D23
D22
D1
D0
DO
DI
SCK
CS
Read command
Register address
Register Data
Next data register
High impedance
0
Parameter
t1
t3
t4
t2
t5
Max
1.160µs
Min
625ns
625ns
625ns
20ns
625ns
Description
SCK rising edge to DO valid
SCK min high time
SCK min low time
Setup time for DI and CS
before the rising edge of SCK
DI hold time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com