Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA9903B Datasheet(PDF) 7 Page - Sames

Part # SA9903B
Description  Single Phase Power / Energy IC with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9903B Datasheet(HTML) 7 Page - Sames

Back Button SA9903B Datasheet HTML 3Page - Sames SA9903B Datasheet HTML 4Page - Sames SA9903B Datasheet HTML 5Page - Sames SA9903B Datasheet HTML 6Page - Sames SA9903B Datasheet HTML 7Page - Sames SA9903B Datasheet HTML 8Page - Sames SA9903B Datasheet HTML 9Page - Sames SA9903B Datasheet HTML 10Page - Sames SA9903B Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
sames
sames
SA9903B
7/12
http://www.sames.co.za
ACTIVE AND REACTIVE REGISTER VALUES
The active and reactive registers are 24 bit up/down counters,
that increment or decrement at a rate of 320k samples per
second at rated conditions. The register values will increment
for positive energy flow and decrement for negative energy
flow as indicated in figure 7. The active and reactive registers
are not reset after access, so in order to determine the correct
register value, the previous value read must be subtracted
from the current reading. The data read from the registers
represents the active or reactive power integrated over time.
The increase or decrease between readings represent the
measured energy consumption.
At rated conditions, the active and reactive registers will wrap
around every 52 seconds. The micro controller program needs
to take this condition into account when calculating the
difference between register values.
As an example lets assume that with a constant load
connected, the delta value (delta value = present register -
previous / register value) is 22260. Because of the constant
load, the delta value should always be 22260 every time the
register is read and the previous value subtracted (assuming
the same time period between reads). However this will not be
true when a wrap around occurs, as the following example will
demonstrate:
Figure 7: Register increment / decrement showing the
register wrap around
Register values
Positive energy flow
Negative energy flow
Register wrap around
Register wrap around
H7FFFFF
(8388607)
H800000
(8388608)
HFFFFFF
(16777215)
0
................
................
DR-01590
Present register value
Previous register value
new_val - old_val =
The register now wraps around so after the next read
the values are as follows:
Present register value
Previous register value
new_val - old_val =
new_val
old_val
delta_val
new_val
old_val
delta_val
16767215
16744955
22260
12260
16767215
-16754955
0x00FFD8EF
0x00FF81FB
0x000056F4
0x00002FE4
0x00FFD8EF
0x00FFA90B
Decimal
Hex
Description
Valiable
Computing this delta value will result in incorrect calculations.
USING THE REGISTER VALUES
ACTIVE ENERGY REGISTER
The active energy measured by the SA9903B is
calculated as follows:
Energy = V
x I
x N / INT
/ 320000
RATED
RATED
TIME
V
Rated mains voltage of meter
RATED
I
Rated mains current of meter
RATED
N
Difference in register values between
successive reads (delta value)
INT
Time difference between successive register
TIME
reads
(in seconds)
REACTIVE ENERGY REGISTER
The reactive energy measured by the SA9903B is
calculated as follows:
Reactive = V
x I
x N / INT
/ 320000
RATED
RATED
TIME
V
Rated mains voltage of meter
RATED
I
Rated mains current of meter
RATED
N
Difference in register values between
successive reads (delta value)
INT
Time difference between successive register
TIME
reads (in seconds)
MAINS VOLTAGE REGISTER
The RMS voltage measurement is accurate to 1% in a
range of 50% to 115% of rated mains voltage. The RMS
mains voltage measured by the SA9903B is calculated as
follows:
Voltage = V
x V
/ 700
RATED
REGISTER VALUE
V
Rated mains voltage of meter
RATED
V
Voltage register value
REGISTER VALUE
MAINS FREQUENCY REGISTER
Bits D0 to D9 represents a counter value that is scaleable
to the mains frequency measured.
The mains frequency measured by the SA9903B is
calculated as follows:
Frequency = F
/ 256 / F
CRYSTAL
REGISTER VALUE
F
The external crystal frequency.
CRYSTAL
F
Bits D9 to D0 of the frequency register.
REGISTER VALUE
Bits D10 to D22 are not used in the frequency register.
Bit D23 is set with the same status as the FMO output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com