Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA9903B Datasheet(PDF) 3 Page - Sames

Part # SA9903B
Description  Single Phase Power / Energy IC with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9903B Datasheet(HTML) 3 Page - Sames

  SA9903B Datasheet HTML 1Page - Sames SA9903B Datasheet HTML 2Page - Sames SA9903B Datasheet HTML 3Page - Sames SA9903B Datasheet HTML 4Page - Sames SA9903B Datasheet HTML 5Page - Sames SA9903B Datasheet HTML 6Page - Sames SA9903B Datasheet HTML 7Page - Sames SA9903B Datasheet HTML 8Page - Sames SA9903B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
sames
sames
SA9903B
http://www.sames.co.za
Figure 2: Pin connections: Package: DIP-20, SOIC-20
Part Number
SA9903BPA
SA9903BSA
Package
DIP-20
SOIC-20
ORDERING INFORMATION
PIN DESCRIPTION
Analog Ground. The supply voltage to this pin should be mid-way between
V
and V .
DD
SS
Positive Supply voltage. The voltage to this pin is typically +2.5V if a shunt
resistor is used for current sensing or in the case of a current transformer a
+5V supply can be applied.
GND
V
DD
Designation
Description
PIN
20
8
Negative Supply Voltage. The voltage to this pin is typically -2.5V if a shunt
resistor is used for current sensing or in the case of a current transformer a
0V supply can be applied.
V
SS
14
Analog Input for Voltage. The current into the A/D converter should be set at
14µA
at nominal mains voltage. The voltage sense input saturates at an
RMS
input current of ±25µA peak.
19
IVP
Inputs for current sensor. The shunt resistor voltage from each channel is
converted to a current of 16µA
at rated conditions. The current sense input
RMS
saturates at an input current of ±25µA peak.
1, 2
IIN, IIP
This pin provides the connection for the reference current setting resistor.
A 24kW resistor connected to V sets the optimum operating condition.
SS
3
VREF
Manufacturers test pin, connect to V for normal operation.
SS
7
TEST
Connections for a crystal or ceramic resonator. (OSC1 = input; OSC2 = Output)
10, 11
OSC1, OSC2
Serial clock in. This pin is used to stobe data in and out of the SA9903B
12
SCK
Serial data out. Data from the SA9903B is strobed out on this pin. DO is
only driven when CS is active.
13
DO
Voltage zero crossover. The FMO output generates a pulse (50% duty cycle)
on every rising edge of the mains voltage.
15
FMO
Serial data in. Data is only accepted during an active chip select (CS).
17
DI
Chip select. The CS pin is active high.
18
CS
Manufacturers Test Pins. (Leave unconnected)
4, 5, 6, 9, 16
TP4, TP5, TP6,
TP9, TP16
1
IIN
GND
IIP
IVP
FMO
CS
VSS
VREF
TP4
TP5
TP6
TEST
VDD
DI
TP16
DO
SCK
TP9
OSC2
OSC1
2
3
4
5
6
15
14
13
12
11
10
9
8
7
16
17
18
19
20
DR-01225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com