Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 60 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 60 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 56Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 57Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 58Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 59Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 60Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 61Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 62Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 63Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
MCU bus interface
PSD8XXFX
60/128
Doc ID 7833 Rev 7
15.1
PSD interface to a multiplexed 8-bit bus
Figure 18 shows an example of a system using a MCU with an 8-bit multiplexed bus and a
PSD. The ADIO port on the PSD is connected directly to the MCU address/data bus.
Address Strobe (ALE/AS, PD0) latches the address signals internally. Latched addresses
can be brought out to port A or B. The PSD drives the ADIO data bus only when one of its
internal resources is accessed and Read Strobe (RD, CNTL1) is active. Should the system
address bus exceed sixteen bits, ports A, B, C, or D may be used as additional address
inputs.
Figure 18.
An example of a typical 8-bit multiplexed bus interface
15.2
PSD interface to a non-multiplexed 8-bit bus
Figure 19 shows an example of a system using a MCU with an 8-bit non-multiplexed bus
and a PSD. The address bus is connected to the ADIO port, and the data bus is connected
to port A. port A is in tri-state mode when the PSD is not accessed by the MCU. Should the
system address bus exceed sixteen bits, ports B, C, or D may be used for additional address
inputs.
15.3
Data Byte Enable reference
MCUs have different data byte orientations. Table 18 shows how the PSD interprets
byte/word operations in different bus WRITE configurations. Even-byte refers to locations
with address A0 equal to '0' and odd byte as locations with A0 equal to ’1.’
MCU
WR
RD
BHE
ALE
RESET
AD [ 7:0]
A[ 15:8]
A[ 15: 8]
A[ 7: 0]
ADIO
PORT
PORT
A
PORT
B
PORT
C
WR (CNTRL0)
RD (CNTRL1)
BHE (CNTRL2)
RST
ALE (PD0)
PORT D
(OPTIONAL)
(OPTIONAL)
PSD
AI02878C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com