Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 46 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 42Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 43Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 44Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 45Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 46Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 47Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 48Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 49Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
Page register
PSD8XXFX
46/128
Doc ID 7833 Rev 7
13
Page register
The 8-bit Page register increases the addressing capability of the MCU by a factor of up to
256. The contents of the register can also be read by the MCU. The outputs of the Page
register (PGR0-PGR7) are inputs to the DPLD decoder and can be included in the Sector
Select (FS0-FS7, CSBOOT0-CSBOOT3), and SRAM Select (RS0) equations.
If memory paging is not needed, or if not all 8 page register bits are needed for memory
paging, then these bits may be used in the CPLD for general logic. See Application Note
AN1154.
Figure 11 shows the Page register. The eight flip-flops in the register are connected to the
internal data bus D0-D7. The MCU can write to or read from the Page register. The Page
register can be accessed at address location CSIOP + E0h.
Figure 11.
Page register
RESET
D 0-D 7
R/W
D0
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D1
D2
D3
D4
D5
D6
D7
PAGE
REGISTER
PGR0
PGR1
PGR2
PGR3
DPLD
AND
CPLD
INTERNAL
SELECTS
AND LOGIC
PLD
PGR4
PGR5
PGR6
PGR7
AI02871B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com