Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 32 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 28Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 29Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 30Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 31Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 32Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 33Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 34Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 35Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
Instructions
PSD8XXFX
32/128
Doc ID 7833 Rev 7
7.7
Data Polling flag (DQ7)
When erasing or programming in Flash memory, the Data Polling flag bit (DQ7) outputs the
complement of the bit being entered for programming/writing on the DQ7 Bit. Once the
Program instruction or the WRITE operation is completed, the true logic value is read on the
Data Polling flag bit (DQ7, in a READ operation).
●
Data Polling is effective after the fourth WRITE pulse (for a Program instruction) or after
the sixth WRITE pulse (for an Erase instruction). It must be performed at the address
being programmed or at an address within the Flash memory sector being erased.
●
During an Erase cycle, the Data Polling flag bit (DQ7) outputs a ’0.’ After completion of
the cycle, the Data Polling flag bit (DQ7) outputs the last bit programmed (it is a '1' after
erasing).
●
If the byte to be programmed is in a protected Flash memory sector, the instruction is
ignored.
●
If all the Flash memory sectors to be erased are protected, the Data Polling flag bit
(DQ7) is reset to '0' for about 100µs, and then returns to the previous addressed byte.
No erasure is performed.
7.8
Toggle flag (DQ6)
The PSD offers another way for determining when the Flash memory Program cycle is
completed. During the internal WRITE operation and when either the FS0-FS7 or
CSBOOT0-CSBOOT3 is true, the Toggle flag bit (DQ6) toggles from '0' to '1' and '1' to '0' on
subsequent attempts to read any byte of the memory.
When the internal cycle is complete, the toggling stops and the data read on the data bus
D0-D7 is the addressed memory byte. The device is now accessible for a new READ or
WRITE operation. The cycle is finished when two successive READs yield the same output
data.
●
The Toggle flag bit (DQ6) is effective after the fourth WRITE pulse (for a Program
instruction) or after the sixth WRITE pulse (for an Erase instruction).
●
If the byte to be programmed belongs to a protected Flash memory sector, the
instruction is ignored.
●
If all the Flash memory sectors selected for erasure are protected, the Toggle flag bit
(DQ6) toggles to '0' for about 100µs and then returns to the previous addressed byte.
Table 11.
Status bits(1)(2)(3)
Functional
block
FS0-
FS7/CSBOOT0-
CSBOOT3
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Flash memory
VIH
Data
Polling
Toggle
flag
Error
flag
X
Erase
timeout
XX
X
1.
X = Not guaranteed value, can be read either '1' or ’0.’
2.
DQ7-DQ0 represent the data bus bits, D7-D0.
3.
FS0-FS7 and CSBOOT0-CSBOOT3 are active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com