Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 22 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 18Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 19Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 20Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 21Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 22Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 23Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 24Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 25Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
PSD architectural overview
PSD8XXFX
22/128
Doc ID 7833 Rev 7
The PSD also has some bits that are configured at run-time by the MCU to reduce power
consumption of the CPLD. The Turbo Bit in PMMR0 can be reset to '0' and the CPLD latches
its outputs and goes to sleep until the next transition on its inputs.
Additionally, bits in PMMR2 can be set by the MCU to block signals from entering the CPLD
to reduce power consumption. Please see Section 17: Power management for more details.
Table 5.
JTAG SIgnals on port C
Port C pins
JTAG signal
PC0
TMS
PC1
TCK
PC3
TSTAT
PC4
TERR
PC5
TDI
PC6
TDO
Table 6.
Methods for programming different functional blocks of the PSD
Functional block
JTAG
programming
Device
programmer
IAP
Primary Flash memory
Yes
Yes
Yes
Secondary Flash memory
Yes
Yes
Yes
PLD array (DPLD and CPLD)
Yes
Yes
No
PSD configuration
Yes
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com