Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 28 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 24Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 25Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 26Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 27Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 28Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 29Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 30Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 31Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
Detailed operation
PSD8XXFX
28/128
Doc ID 7833 Rev 7
Table 10.
Instructions (1)(2)(3)
Instruction
FS0-FS7 or
CSBOOT0-
CSBOOT3
(4)
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
Cycle 7
READ(5)
1
“READ”
RD @ RA
Read Main
Flash ID(6)
1
AAh@
X555h
55h@
XAAAh
90h@
X555h
Read identifier
(A6,A1,A0 = 0,0,1)
Read Sector
Protection(6)(7)
(8)
1
AAh@
X555h
55h@
XAAAh
90h@
X555h
Read identifier
(A6,A1,A0 = 0,1,0)
Program a
Flash Byte(8)
1
AAh@
X555h
55h@
XAAAh
A0h@
X555h
PD@ PA
Flash Sector
Erase(9)(8)
1
AAh@
X555h
55h@
XAAAh
80h@
X555h
AAh@ X555h
55h@
XAAAh
30h@
SA
30h7@
next SA
Flash Bulk
Erase(8)
1
AAh@
X555h
55h@
XAAAh
80h@
X555h
AAh@ X555h
55h@
XAAAh
10h@
X555h
Suspend
Sector
Erase(10)
1
B0h@
XXXXh
Resume
Sector
Erase(11)
1
30h@
XXXXh
Reset(6)
1
F0h@
XXXXh
Unlock Bypass
1
AAh@
X555h
55h@
XAAAh
20h@
X555h
Unlock Bypass
Program(12)
1
A0h@
XXXXh
PD@ PA
Unlock Bypass
Reset(13)
1
90h@
XXXXh
00h@
XXXXh
1.
All bus cycles are WRITE bus cycles, except the ones with the “READ” label
2.
All values are in hexadecimal:
X = Don’t Care. Addresses of the form XXXXh, in this table, must be even addresses
RA = Address of the memory location to be read
RD = Data read from location RA during the READ cycle
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of Write Strobe (WR,
CNTL0). PA is an even address for PSD in word programming mode.
PD = Data word to be programmed at location PA. Data is latched on the rising edge of Write Strobe (WR, CNTL0)
SA = Address of the sector to be erased or verified. The Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3) of the sector to
be erased, or verified, must be Active (high).
3.
Only address bits A11-A0 are used in instruction decoding.
4.
Sector Select (FS0 to FS7 or CSBOOT0 to CSBOOT3) signals are active high, and are defined in PSDsoft Express.
5.
No Unlock or instruction cycles are required when the device is in the READ mode
6.
The Reset instruction is required to return to the READ mode after reading the Flash ID, or after reading the Sector
Protection Status, or if the Error flag bit (DQ5/DQ13) goes high.
7.
The data is 00h for an unprotected sector, and 01h for a protected sector. In the fourth cycle, the Sector Select is active,
and (A1,A0)=(1,0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com