Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 35 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 31Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 32Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 33Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 34Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 35Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 36Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 37Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 38Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
PSD8XXFX
Programming Flash memory
Doc ID 7833 Rev 7
35/128
Figure 6.
Data Polling flowchart
8.2
Data Toggle
Checking the Toggle flag bit (DQ6) is a method of determining whether a program or erase
cycle is in progress or has completed. Figure 7 shows the Data Toggle algorithm.
When the MCU issues a Program instruction, the embedded algorithm within the PSD
begins. The MCU then reads the location of the byte to be programmed in Flash memory to
check status. The Toggle flag bit (DQ6) of this location toggles each time the MCU reads
this location until the embedded algorithm is complete. The MCU continues to read this
location, checking the Toggle flag bit (DQ6) and monitoring the Error flag bit (DQ5). When
the Toggle flag bit (DQ6) stops toggling (two consecutive reads yield the same value), and
the Error flag bit (DQ5) remains ’0,’ the embedded algorithm is complete. If the Error flag bit
(DQ5) is '1,' the MCU should test the Toggle flag bit (DQ6) again, since the Toggle flag bit
(DQ6) may have changed simultaneously with the Error flag bit (DQ5, see Figure 7).
The Error flag bit (DQ5) is set if either an internal timeout occurred while the embedded
algorithm attempted to program the byte, or if the MCU attempted to program a '1' to a bit
that was not erased (not erased is logic '0').
It is suggested (as with all Flash memories) to read the location again after the embedded
programming algorithm has completed, to compare the byte that was written to Flash
memory with the byte that was intended to be written.
When using the Data Toggle method after an Erase cycle, Figure 7 still applies. the Toggle
flag bit (DQ6) toggles until the Erase cycle is complete. A '1' on the Error flag bit (DQ5)
indicates a timeout condition on the Erase cycle; a '0' indicates no error. The MCU can read
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI01369B
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com