Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMCE-1528 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FMCE-1528
Description  Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-1528 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMCE-1528 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Operating COnditiOns and
CharaCteristiCs
input Voltage range
Continuous -0.5 to 50 VDC
Transient -0.5 to 80 V for 1 second
lead soldering temperature (10 sec per lead)
300°C
storage temperature range (case)
-65°C to +150°C
case operating temperature (tc)
-55°C to +125°C full power
-55°C to +135°C absolute
Derating input/output current
Linearly from 100% at 125°C to 80% at 135° C
isolation (tc = 25°c)
100 megohm minimum at 500 VDC
Any pin to case
electrostatic Discharge (esD) sensitivity per Mil-prF-38534
Classification 3B, 8000 V
meChaniCal and envirOnmental
size (maximum)
Case U
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
The image on page one shows Case U (flanged, short leads)
Also available:
Flanged: leads bent down (case V)
Tabbed: leads bent up (case W)
Tabbed: short leads (case Y)
Tabbed: leads bent down (case Z)
See cases U, V, W, Y, and Z for dimensions and options
Weight (maximum)
86 grams all cases (U, V, W, Y, and Z)
screening
The FMCE-1528 EMI Input filter offers Standard, /ES or 883,
Class H, QML screening. See Screening Tables 1 and 2 for more
information.
Positive
Input
Input
Common
Positive
Output
Output
Common
T1
T2
L1
R1
R2
FIguRe 2: scheMatIc FMce-1528
+Vin
+Vout
Input
Common
Output
Common
Case
RL
RL
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
Figure 1: ConneCtion Diagram
The case ground connection between the filter and the converter should be as
low an impedance as possible to minimize EMI. Direct contact of baseplate to
chassis ground provides the lowest impedance.
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 2 of 13
FMce-1528 eMi input Filters
28 Volt input – 15 aMp
FMCE-1528 Rev E - 20100615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com