Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMCE-1528 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # FMCE-1528
Description  Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-1528 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  FMCE-1528 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MoDel nuMBering key
FMCE - 15
28 - V*
/ 883
Base Model
Output Current
Input Voltage
Screening
(Standard screening has no designator
in this position.)
Case Option
(Standard case “U” has no designator in
this position)
MoDel selection
on the lines below, enter one seleCtion From unDer eaCh Category
to Determine the moDel number
.
category
FMce-1528
–
_______
/
______
Base MoDel anD
input Voltage
case/leaD option 1
screening 2
selection
“FMce-1528” is the
only available selection
(stanDarD case u leave blank)
(stanDarD leave blank)
V
es
W
883 (class H, QMl)
y
Z
Notes:
1. Case U is the standard, side-leaded, flanged case. Leave the option blank for case U. Refer to the case drawings on pages 8 - 12 for other case options.
2. Leave blank for standard screening. Use “ES” for “ES” screening and “883” for Class H screening. See screening Tables 1 and 2 for more information.
Dscc nuMBers
DsCC Drawing (5915)
FmCe-1528
similar Part
10018-01HTC
FMCE-1528-W/883
10018-01HUC
FMCE-1528-V/883
10018-01HXC
FMCE-1528/883
10018-01HYC
FMCE-1528-Y/883
10018-01HZC
FMCE-1528-Z/883
For exact specifications for a DSCC product, refer to the
DSCC drawing. DSCC drawings can be downloaded
from: http://www.dscc.dla.mil/programs/smcr
*Case/Lead Option:
See cases U, V, W, Y, and Z for drawings and dimensions.
case options:
Dscc cross referenced
to interpoint
DSCC
Case Option
Interpoint
Case Option
T
W
U
V
X
(standard
case, no option
required)
Y
Y
Z
Z
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 4 of 13
FMce-1528 eMi input Filters
28 Volt input – 15 aMp
FMCE-1528 Rev E - 20100615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com