Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMCE-1528 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FMCE-1528
Description  Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-1528 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FMCE-1528 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Angled corner and cover marking indicate pin one for cases U and V.
Cover marking indicates pin one for cases W, Y and Z.
TOP VIEW
U Case
1
2
3
4
5
6
12
11
10
9
8
7
pin out
Outline shown is case U, pin out is the same
for all cases. See cases U, V, W, Y, and Z
for dimensions.
Notes
1. All pins must be connected.
2. The baseplate is the only case ground connection and
should directly contact chassis ground.
FIguRe 3: pIn Out
pin out
pin
Designation
1, 2, 3
Positive Input
4, 5, 6
Input Common
7, 8, 9
Output Common
10, 11, 12 Positive Output
Bottom of
case
Case Ground
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 3 of 13
FMce-1528 eMi input Filters
28 Volt input – 15 aMp
FMCE-1528 Rev E - 20100615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com