Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMCE-1528 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # FMCE-1528
Description  Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-1528 Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button FMCE-1528 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 9Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Curves: 25°C TC, nominal Vin, unless otherwise specified.
FIguRe 4
FIguRe 6
Three paralleled and synchronized MFL2815D
converters without filtering.
FIguRe 5
FIguRe 7
FIguRe 8
CE03: Three paralleled and synchronized
MFL2815D converters with an FMCE-1528.
CE102: Three paralleled and synchronized
MFL2815D converters with an FMCE-1528.
FMCE-1528 Output Impedance
(measured at the output with input pins shorted)
FMCE-1528 Attenuation
FREQUENCY (MHz)
CE03
LIMIT
NARROWBAND
MIL-STD-461 C POWER IN LIMITS
.015
0.1
1
10
50
90
80
70
60
50
40
30
20
0
10
CE102
AC and
DC Limits
FREQUENCY (MHz)
0.1
1
10
.01
90
100
80
70
60
50
40
30
20
10
FREQUENCY (MHz)
CE03
LIMIT
NARROWBAND
MIL-STD-461 C POWER IN LIMITS
.015
0.1
1
10
50
90
80
70
60
50
40
30
20
0
10
FREQUENCY (kHz)
1.0
10
0.9
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1
100
21
0.75
FREQUENCY (kHz)
10
100
1
1 M
10
-10
-30
-50
-70
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 6 of 13
FMce-1528 eMi input Filters
28 Volt input – 15 aMp
FMCE-1528 Rev E - 20100615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com