Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMCE-1528 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # FMCE-1528
Description  Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-1528 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  FMCE-1528 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
The FMCE-1528™ EMI filters are specifically designed to reduce
the reflected input ripple current of Interpoint’s high frequency
DC/DC converters. FMCE-1528 filters minimize electromagnetic
interference (EMI) for the MFL, MOR, MTR, MHV, and MHF+
Series of converters. These filters are intended for use in 28
volt applications which must meet MIL-STD-461C CE03 and
CS01 and/or MIL-STD-461D, E and F CE102 and CS101 levels
of conducted emissions. One filter can be used with multiple
converters up to the rated output current of the filter.
Input RIpple and eMI
Switching DC/DC converters naturally generate two noise
components on the power input line: differential noise and
common mode noise. Input ripple current refers to both of these
components. Differential noise occurs between the positive input
and input common. Most Interpoint converters have an input filter
that reduces differential noise which is sufficient for many appli-
cations. Common mode noise occurs across stray capacitances
between the converter’s power train components and the base-
plate (bottom of the package) of the converter.
Where low noise currents are required to meet MIL-STD-461, a
power line filter is needed. The FMCE-1528 EMI power line filters
reduce the common mode and differential noise generated by the
converters. FMCE-1528 filters reduce input ripple current by as
much as 70 dB at 500 kHz and 1 MHz when used in conjunction
with Interpoint’s DC/DC converters.
Place the filter as close as possible to the converter for optimum
performance. The baseplates of the filter and the converter
should be connected with the shortest and widest possible
conductors.
tRansIents
A transient of -0.5 to +80 volts (0.5 ohm source impedance) will
not damage the filter but will be passed on to the converter:
OpeRatIOn OveR teMpeRatuRe
The FMCE-1528 Series filters are rated for full power opera-
tion from -55°C to +125°C case temperature. Current is derated
linearly to 80% at +135°C case temperature.
InseRtIOn lOss
The maximum dc insertion loss at full load and nominal input
voltage represents a power loss of less than 4%.
packagIng
FMCE-1528 filters are sealed in metal hermetic side-leaded
packages. See cases U, V, W, Y, and Z.
Features
attenuation to 70 dB at 500 kHz, typical
Operating temperature -55° to +125°C
•
Nominal 28 V input, -0.5 to 50 V operation
•
Transient rating -0.5 to 80 V for 1 second
•
Up to 15 A throughput current over the
•
full input voltage range of -0.5 to 50 V
Compliant to
•
MIL-STD-461C,CE03
-
MIL-STD-461D, E and F CE102
-
MIL-STD-461C CS01
-
MIL-STD-461D, E and F CS101
-
Compatible with MIL-STD-704 A-E 28 VDC power bus
•
Input vOltage
and
cuRRent
Input (V)
28
Current (A)
15
Crane Aerospace & Electronics Power Solutions
FMce-1528 eMi input Filters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 13
FMCE-1528 Rev E - 20100615
28 Volt input – 15 aMp


Similar Part No. - FMCE-1528

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528-TR INTERPOINT-FMCE-0528-TR Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-0828-F/883 INTERPOINT-FMCE-0828-F/883 Datasheet
1Mb / 11P
EMI Input Filters 28 Volt input ??8 Amp
More results

Similar Description - FMCE-1528

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
logo
Micronetics, Inc.
NMA2109-A1E MICRONETICS-NMA2109-A1E Datasheet
163Kb / 2P
Legacy 1 kHz to 500 MHz
NMA2109-A2S MICRONETICS-NMA2109-A2S Datasheet
163Kb / 2P
Legacy 1 kHz to 500 MHz
logo
KR Electronics, Inc.
3088 KR-3088 Datasheet
58Kb / 3P
3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com