Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMCE-1528 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # FMCE-1528
Description  Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-1528 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  FMCE-1528 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics: -55° to +125°C TC, nominal Vin, unless otherwise specified.
Note
1. guaranteed by design, not tested.
2. 0.5 ohm source impedance
3. Typical applications result in Vout within 4% of Vin.
MODEL
FMCE-1528
paRaMeteR
cOndItIOns
MIN
TYP
MAX
unIts
Input vOltage
cOntInuOus
-0.5
28
50
VDC
tRansIent, 1 sec 1, 2
-0.5
—
80
V
nOIse ReJectIOn
500 khz
60
70
—
dB
1 Mhz
60
70
—
dc ResIstance (Rdc)
at MaXIMuM cuRRent
tc = 25°c
—
—
0.06
Ω
tc = 125°c 1
—
—
0.07
capacItance
anY pIn tO case
tc = 25°c
50,000
60,000
70,000
pF
Output vOltage 3
steadY state
VOUT = VIN - IIN (RDC)
VDC
Output cuRRent
steadY state
vIn = -0.5 - 50 vdc
—
—
15
A
pOWeR dIssIpatIOn
at MaXIMuM cuRRent 1
tc = 25°c
—
—
13.5
W
tc = 125°c
—
—
15.75
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 5 of 13
FMce-1528 eMi input Filters
28 Volt input – 15 aMp
FMCE-1528 Rev E - 20100615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com