Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SX1235 Datasheet(PDF) 80 Page - Semtech Corporation

Part # SX1235
Description  EN300 220 Category 1 Compliant Transceiver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1235 Datasheet(HTML) 80 Page - Semtech Corporation

Back Button SX1235 Datasheet HTML 76Page - Semtech Corporation SX1235 Datasheet HTML 77Page - Semtech Corporation SX1235 Datasheet HTML 78Page - Semtech Corporation SX1235 Datasheet HTML 79Page - Semtech Corporation SX1235 Datasheet HTML 80Page - Semtech Corporation SX1235 Datasheet HTML 81Page - Semtech Corporation SX1235 Datasheet HTML 82Page - Semtech Corporation SX1235 Datasheet HTML 83Page - Semtech Corporation SX1235 Datasheet HTML 84Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
www.semtech.com
Page 80
SX1235
WIRELESS & SENSING
DATASHEET
Rev 1 - December 2012
RegSeqConfig2
(0x37)
7-5 FromReceive
rw
0x00 Controls the Sequencer transition from the Receive state
000 and 111: unused
001: to PacketReceived state on a
PayloadReady interrupt
010: to LowPowerSelection on a
PayloadReady interrupt
011: to PacketReceived state on a
CrcOk interrupt (1)
100: to SequencerOff state on a
Rssi interrupt
101: to SequencerOff state on a
SyncAddress interrupt
110: to SequencerOff state on a
PreambleDetect interrupt
Irrespective of this setting, transition to LowPowerSelection on
a T2 interrupt
(1) If the CRC is wrong (corrupted packet, with CRC on but
CrcAutoClearOn=0), the PayloadReady interrupt will drive the
sequencer to RxTimeout state.
4-3 FromRxTimeout
rw
0x00 Controls the state-machine transition from the Receive state
on a
RxTimeout interrupt (and on PayloadReady if
FromReceive = 011):
00: to Receive State, via ReceiveRestart
01: to Transmit state
10: to LowPowerSelection
11: to SequencerOff state
Note: RxTimeout interrupt is a TimeoutRxRssi,
TimeoutRxPreamble or TimeoutSignalSync interrupt
2-0 FromPacketReceived
rw
0x00
Controls the state-machine transition from the
PacketReceived state:
000: to SequencerOff state
001: to Transmit state on a
FifoEmpty interrupt
010: to LowPowerSelection
011: to Receive via FS mode, if frequency was changed
100: to Receive state (no frequency change)
RegTimerResol
(0x38)
7-4 unused
r
-
unused
3-2 Timer1Resolution
rw
0x00
Resolution of Timer 1
00: Timer1 disabled
01: 64 us
10: 4.1 ms
11: 262 ms
1-0 Timer2Resolution
rw
0x00
Resolution of Timer 2
00: Timer2 disabled
01: 64 us
10: 4.1 ms
11: 262 ms
RegTimer1Coef
(0x39)
7-0 Timer1Coefficient
rw
0xf5
Multiplying coefficient for Timer 1
RegTimer2Coef
(0x3a)
7-0 Timer2Coefficient
rw
0x20
Multiplying coefficient for Timer 2
Name
(Address)
Bits
Variable Name
Mode
Default
value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com