Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SX1235 Datasheet(PDF) 85 Page - Semtech Corporation

Part # SX1235
Description  EN300 220 Category 1 Compliant Transceiver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1235 Datasheet(HTML) 85 Page - Semtech Corporation

Back Button SX1235 Datasheet HTML 81Page - Semtech Corporation SX1235 Datasheet HTML 82Page - Semtech Corporation SX1235 Datasheet HTML 83Page - Semtech Corporation SX1235 Datasheet HTML 84Page - Semtech Corporation SX1235 Datasheet HTML 85Page - Semtech Corporation SX1235 Datasheet HTML 86Page - Semtech Corporation SX1235 Datasheet HTML 87Page - Semtech Corporation SX1235 Datasheet HTML 88Page - Semtech Corporation SX1235 Datasheet HTML 89Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
www.semtech.com
Page 85
SX1235
WIRELESS & SENSING
DATASHEET
Rev 1 - December 2012
7. Application Information
7.1. Crystal Resonator Specification
Table 34 shows the crystal resonator specification for the crystal reference oscillator circuit of the SX1235. This
specification covers the full range of operation of the SX1235 and is employed in the reference design.
Table 34 Crystal Specification
Notes - the initial frequency tolerance, temperature stability and ageing performance should be chosen in accordance
with the target operating temperature range and the receiver bandwidth selected.
- the loading capacitance should be applied externally, and adapted to the actual Cload specification of the XTAL.
7.2. Reset of the Chip
A power-on reset of the SX1235 is triggered at power up. Additionally, a manual reset can be issued by controlling pin 6.
7.2.1. POR
If the application requires the disconnection of VDD from the SX1235, despite of the extremely low Sleep Mode current, the
user should wait for 10 ms from of the end of the POR cycle before commencing communications over the SPI bus. Pin 6
(Reset) should be left floating during the POR sequence.
Figure 41. POR Timing Diagram
Please note that any CLKOUT activity can also be used to detect that the chip is ready.
Symbol
Description
Conditions
Min
Typ
Max
Unit
FXOSC
XTAL Frequency
-
32
-
MHz
RS
XTAL Serial Resistance
-
30
140
ohms
C0
XTAL Shunt Capacitance
-
2.8
7
pF
CFOOT
External Foot Capacitance
On each pin XTA and XTB
8
15
22
pF
CLOAD
Crystal Load Capacitance
6
-
12
pF
Wait for
10 ms
VDD
Pin 6
(output)
Chip is ready from
this point on
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com