Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SX1235 Datasheet(PDF) 86 Page - Semtech Corporation

Part # SX1235
Description  EN300 220 Category 1 Compliant Transceiver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1235 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button SX1235 Datasheet HTML 82Page - Semtech Corporation SX1235 Datasheet HTML 83Page - Semtech Corporation SX1235 Datasheet HTML 84Page - Semtech Corporation SX1235 Datasheet HTML 85Page - Semtech Corporation SX1235 Datasheet HTML 86Page - Semtech Corporation SX1235 Datasheet HTML 87Page - Semtech Corporation SX1235 Datasheet HTML 88Page - Semtech Corporation SX1235 Datasheet HTML 89Page - Semtech Corporation SX1235 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
www.semtech.com
Page 86
SX1235
WIRELESS & SENSING
DATASHEET
Rev 1 - December 2012
7.2.2. Manual Reset
A manual reset of the SX1235 is possible even for applications in which VDD cannot be physically disconnected. Pin 6
should be pulled high for a hundred microseconds, and then released. The user should then wait for 5 ms before using the
chip.
Figure 42. Manual Reset Timing Diagram
Note
whilst pin 6 is driven high, an over current consumption of up to ten milliamps can be seen on VDD.
7.3. Reference Designs
Please contact your Semtech representative for evaluation tools, reference designs and design assistance. Note that all
schematics shown in this section are full schematics, listing ALL required components, including decoupling capacitors.
Figure 43. Reference Design - Single RF Input/Output, High Efficiency PA
VDD
> 100 us
Chip is ready from
this point on
Pin 6
(input)
High-Z
High-Z
’’1’’
Wait for
5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com