Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SX1235 Datasheet(PDF) 98 Page - Semtech Corporation

Part # SX1235
Description  EN300 220 Category 1 Compliant Transceiver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1235 Datasheet(HTML) 98 Page - Semtech Corporation

Back Button SX1235 Datasheet HTML 94Page - Semtech Corporation SX1235 Datasheet HTML 95Page - Semtech Corporation SX1235 Datasheet HTML 96Page - Semtech Corporation SX1235 Datasheet HTML 97Page - Semtech Corporation SX1235 Datasheet HTML 98Page - Semtech Corporation SX1235 Datasheet HTML 99Page - Semtech Corporation SX1235 Datasheet HTML 100Page - Semtech Corporation SX1235 Datasheet HTML 101Page - Semtech Corporation SX1235 Datasheet HTML 102Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
www.semtech.com
Page 98
SX1235
WIRELESS & SENSING
DATASHEET
Rev 1 - December 2012
7.8. ETSI Category 1 Quick Start
To correctly configure the SX1235 for ETSI category 1 operation, it is necessary to enable some specific functionality within
the receiver. The following description highlights the settings required to enable and realize the category 1 performances of
the SX1235.
7.8.1. PLL Settings
The SX1235 features a single PLL for use in reception. Correctly configured, the PLL becomes the component of the
receiver system that has the greatest contribution to the adjacent channel performances of the receiver. By minimizing the
phase noise, the rejection afforded in the adjacent channels is increased.
The default PLL bandwidth setting provides the lowest phase noise in the 12.5 kHz and 25 kHz frequency offsets.
However, by modification of the loop gain setting it is possible to further improve the phase noise in this frequency range.
The RegPllGopt (address 0x5F) should be written to value 0x37. With this setting the resultant phase noise is shown in the
figure below.
Figure 59. SX1235 Optimised Phase Noise at 12.5 kHz and 25 kHz
7.8.2. Channel Filter Settings
The dominance of the phase noise on the adjacent channel rejection performance of the SX1235 assumes that the
receiver channel filtration is correctly configured. Two receiver channel filter bandwidths are accessible during the
reception of data: The first, the AFC bandwidth is the bandwidth used during reception of preamble and alignment of the
receiver. The second, the communication (Rx) bandwidth is that used for the ensuing communication phase. These must
be suitably wide that the total crystal error and modulation bandwidth of the signal can be accommodated by the receiver
during the AFC phase. The narrower communication bandwidth must then be at least as wide as the received signal’s
modulation bandwidth. To ensure the highest link quality the -20 dB bandwidth of the receiver filter is declared.
The figure below illustrates the difference between these three filter settings and the conventions used in the use of either
double or single side band used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com