Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SX1235 Datasheet(PDF) 28 Page - Semtech Corporation

Part # SX1235
Description  EN300 220 Category 1 Compliant Transceiver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1235 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SX1235 Datasheet HTML 24Page - Semtech Corporation SX1235 Datasheet HTML 25Page - Semtech Corporation SX1235 Datasheet HTML 26Page - Semtech Corporation SX1235 Datasheet HTML 27Page - Semtech Corporation SX1235 Datasheet HTML 28Page - Semtech Corporation SX1235 Datasheet HTML 29Page - Semtech Corporation SX1235 Datasheet HTML 30Page - Semtech Corporation SX1235 Datasheet HTML 31Page - Semtech Corporation SX1235 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
www.semtech.com
Page 28
SX1235
WIRELESS & SENSING
DATASHEET
Rev 1 - December 2012
Table 11 Bit Rate Examples
3.4.3. FSK Modulation
FSK modulation is performed inside the PLL bandwidth, by changing the fractional divider ratio in the feedback loop of the
PLL. The large resolution of the sigma-delta modulator, allows for very narrow frequency deviation. The frequency
deviation FDEV is given by:
To ensure a proper modulation, the following limit applies:
Note
no constraint applies to the modulation index of the transmitter, but the frequency deviation must be set between
600 Hz and 200 kHz.
Type
BitRate
(15:8)
BitRate
(7:0)
(G)FSK
(G)MSK
OOK
Actual BR
(b/s)
Classical modem baud rates
(multiples of 1.2 kbps)
0x68
0x2B
1.2 kbps
1.2 kbps
1200.015
0x34
0x15
2.4 kbps
2.4 kbps
2400.060
0x1A
0x0B
4.8 kbps
4.8 kbps
4799.760
0x0D
0x05
9.6 kbps
9.6 kbps
9600.960
0x06
0x83
19.2 kbps
19.2 kbps
19196.16
0x03
0x41
38.4 kbps
38415.36
0x01
0xA1
76.8 kbps
76738.60
0x00
0xD0
153.6 kbps
153846.1
Classical modem baud rates
(multiples of 0.9 kbps)
0x02
0x2C
57.6 kbps
57553.95
0x01
0x16
115.2 kbps
115107.9
Round bit rates
(multiples of 12.5, 25 and
50 kbps)
0x0A
0x00
12.5 kbps
12.5 kbps
12500.00
0x05
0x00
25 kbps
25 kbps
25000.00
0x80
0x00
50 kbps
50000.00
0x01
0x40
100 kbps
100000.0
0x00
0xD5
150 kbps
150234.7
0x00
0xA0
200 kbps
200000.0
0x00
0x80
250 kbps
250000.0
0x00
0x6B
300 kbps
299065.4
Watch Xtal frequency
0x03
0xD1
32.768 kbps
32.768 kbps
32753.32
FDEV
FSTEP Fdev 13 0
(, )
×
=
FDEV
BR
2
-------
250
()kHz
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com