Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SX1235 Datasheet(PDF) 29 Page - Semtech Corporation

Part # SX1235
Description  EN300 220 Category 1 Compliant Transceiver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1235 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button SX1235 Datasheet HTML 25Page - Semtech Corporation SX1235 Datasheet HTML 26Page - Semtech Corporation SX1235 Datasheet HTML 27Page - Semtech Corporation SX1235 Datasheet HTML 28Page - Semtech Corporation SX1235 Datasheet HTML 29Page - Semtech Corporation SX1235 Datasheet HTML 30Page - Semtech Corporation SX1235 Datasheet HTML 31Page - Semtech Corporation SX1235 Datasheet HTML 32Page - Semtech Corporation SX1235 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
www.semtech.com
Page 29
SX1235
WIRELESS & SENSING
DATASHEET
Rev 1 - December 2012
3.4.4. OOK Modulation
OOK modulation is applied by switching on and off the Power Amplifier. Digital control and smoothing are available to
improve the transient power response of the OOK transmitter.
3.4.5. Modulation Shaping
Modulation shaping can be applied in both OOK and FSK modulation modes, to improve the narrowband response of the
transmitter. Both shaping features are controlled with PaRamp bits in RegPaRamp.
In FSK mode, a Gaussian filter with BT = 0.5 or 1 is used to filter the modulation stream, at the input of the sigma-delta
modulator. If the Gaussian filter is enabled when the SX1232 is in Continuous mode, DCLK signal on pin 10 (DIO1/
DCLK) will trigger an interrupt on the uC each time a new bit has to be transmitted. Please refer to section 5.4.2 for
details.
When OOK modulation is used, the PA bias voltages are ramped up and down smoothly when the PA is turned on and
off, to reduce spectral splatter.
Note
the transmitter must be restarted if the ModulationShaping setting is changed, in order to recalibrate the built-in
filter.
3.4.6. RF Power Amplifiers
Three power amplifier blocks are embedded in the SX1235. The first one herein referred to as PA0, can generate high
efficiency RF power into a 50 ohm load. The RF power is programmable between -1dBm and +14dBm. PA0 is connected
to pin RFO (pin 22).
PA1 and PA2 are both connected to pin PA_BOOST (pin 23). They can deliver up to +17 dBm in programmable step of 1dB
to the antenna, a specific impedance matching / harmonic filtering design is required to ensure impedance transformation
and regulatory compliance. The RF power is programmable between +2 dBm and +17 dBm. The high power mode allows
to achieve fixed output power of +20 dBm.
Table 12 Power Amplifier Mode Selection Truth Table
Notes - For +20 dBm restrictions of operation, please consult the following section
- To ensure correct operation at the highest power levels, please make sure to adjust the OcpTrim accordingly in
RegOcp.
- If PA_BOOST pin is not used the pin can be left floating.
PaSelect
Mode
Power Range
Pout Formula
0
PA0 output on pin RFO
-1 to +14 dBm
-1 dBm + OutputPower
1
PA1 and PA2 combined on pin PA_BOOST
+2 to +17 dBm
+2 dBm + OutputPower
1
PA1+PA2 on PA_BOOST with high output
power +20dBm settings (see 3.4.7)
+5 to +20 dBm
+5 dBm + OutputPower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com