Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GP204TE/ML Datasheet(PDF) 229 Page - Microchip Technology

Part # DSPIC33FJ32GP204TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP204TE/ML Datasheet(HTML) 229 Page - Microchip Technology

Back Button DSPIC33FJ32GP204TE/ML Datasheet HTML 225Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 226Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 227Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 228Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 229Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 230Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 231Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 232Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 229
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
REGISTER 19-6:
CiINTF: ECAN™ INTERRUPT FLAG REGISTER
U-0
U-0
R-0
R-0
R-0
R-0
R-0
R-0
—
—
TXBO
TXBP
RXBP
TXWAR
RXWAR
EWARN
bit 15
bit 8
R/C-0
R/C-0
R/C-0
U-0
R/C-0
R/C-0
R/C-0
R/C-0
IVRIF
WAKIF
ERRIF
—
FIFOIF
RBOVIF
RBIF
TBIF
bit 7
bit 0
Legend:
C = Writable bit, but only ‘0’ can be written to clear the bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
TXBO: Transmitter in Error State Bus Off bit
1
= Transmitter is in Bus Off state
0
= Transmitter is not in Bus Off state
bit 12
TXBP: Transmitter in Error State Bus Passive bit
1
= Transmitter is in Bus Passive state
0
= Transmitter is not in Bus Passive state
bit 11
RXBP: Receiver in Error State Bus Passive bit
1
= Receiver is in Bus Passive state
0
= Receiver is not in Bus Passive state
bit 10
TXWAR: Transmitter in Error State Warning bit
1
= Transmitter is in Error Warning state
0
= Transmitter is not in Error Warning state
bit 9
RXWAR: Receiver in Error State Warning bit
1
= Receiver is in Error Warning state
0
= Receiver is not in Error Warning state
bit 8
EWARN: Transmitter or Receiver in Error State Warning bit
1
= Transmitter or Receiver is in Error State Warning state
0
= Transmitter or Receiver is not in Error State Warning state
bit 7
IVRIF: Invalid Message Received Interrupt Flag bit
1
= Interrupt Request has occurred
0
= Interrupt Request has not occurred
bit 6
WAKIF: Bus Wake-up Activity Interrupt Flag bit
1
= Interrupt Request has occurred
0
= Interrupt Request has not occurred
bit 5
ERRIF: Error Interrupt Flag bit (multiple sources in CiINTF<13:8> register)
1
= Interrupt Request has occurred
0
= Interrupt Request has not occurred
bit 4
Unimplemented: Read as ‘0’
bit 3
FIFOIF: FIFO Almost Full Interrupt Flag bit
1
= Interrupt Request has occurred
0
= Interrupt Request has not occurred
bit 2
RBOVIF: RX Buffer Overflow Interrupt Flag bit
1
= Interrupt Request has occurred
0
= Interrupt Request has not occurred
bit 1
RBIF: RX Buffer Interrupt Flag bit
1
= Interrupt Request has occurred
0
= Interrupt Request has not occurred
bit 0
TBIF: TX Buffer Interrupt Flag bit
1
= Interrupt Request has occurred
0
= Interrupt Request has not occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com