Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GP204TE/ML Datasheet(PDF) 56 Page - Microchip Technology

Part # DSPIC33FJ32GP204TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP204TE/ML Datasheet(HTML) 56 Page - Microchip Technology

Back Button DSPIC33FJ32GP204TE/ML Datasheet HTML 52Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 53Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 54Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 55Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 56Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 57Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 58Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 59Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 403 page
background image
C1RXF11EID
046E
EID<15:8>
EID<7:0>
xxxx
C1RXF12SID
0470
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF12EID
0472
EID<15:8>
EID<7:0>
xxxx
C1RXF13SID
0474
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF13EID
0476
EID<15:8>
EID<7:0>
xxxx
C1RXF14SID
0478
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF14EID
047A
EID<15:8>
EID<7:0>
xxxx
C1RXF15SID
047C
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF15EID
047E
EID<15:8>
EID<7:0>
xxxx
TABLE 4-19:
ECAN1 REGISTER MAP WHEN C1CTRL1.WIN = 1(FOR dsPIC33FJ128GP802/804 AND dsPIC33FJ64GP802/804) (CONTINUED)
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-20:
DCI REGISTER MAP
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
DCICON1
0280
DCIEN
—
DCISIDL
—
DLOOP
CSCKD
CSCKE
COFSD
UNFM
CSDOM
DJST
—
—
—
COFSM1
COFSM0
0000 0000 0000 0000
DCICON2
0282
—
—
—
—BLEN1
BLEN0
—
COFSG<3:0>
—WS<3:0>
0000 0000 0000 0000
DCICON3
0284
—
—
—
—BCG<11:0>
0000 0000 0000 0000
DCISTAT
0286
—
—
—
—
SLOT3
SLOT2
SLOT1
SLOT0
—
—
—
—
ROV
RFUL
TUNF
TMPTY
0000 0000 0000 0000
TSCON
0288
TSE15
TSE14
TSE13
TSE12
TSE11
TSE10
TSE9
TSE8
TSE7
TSE6
TSE5
TSE4
TSE3
TSE2
TSE1
TSE0
0000 0000 0000 0000
RSCON
028C
RSE15
RSE14
RSE13
RSE12
RSE11
RSE10
RSE9
RSE8
RSE7
RSE6
RSE5
RSE4
RSE3
RSE2
RSE1
RSE0
0000 0000 0000 0000
RXBUF0
0290
Receive Buffer 0 Data Register
0000 0000 0000 0000
RXBUF1
0292
Receive Buffer 1 Data Register
0000 0000 0000 0000
RXBUF2
0294
Receive Buffer 2 Data Register
0000 0000 0000 0000
RXBUF3
0296
Receive Buffer 3 Data Register
0000 0000 0000 0000
TXBUF0
0298
Transmit Buffer 0 Data Register
0000 0000 0000 0000
TXBUF1
029A
Transmit Buffer 1 Data Register
0000 0000 0000 0000
TXBUF2
029C
Transmit Buffer 2 Data Register
0000 0000 0000 0000
TXBUF3
029E
Transmit Buffer 3 Data Register
0000 0000 0000 0000
Legend:
— = unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com