Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GP204TE/ML Datasheet(PDF) 59 Page - Microchip Technology

Part # DSPIC33FJ32GP204TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP204TE/ML Datasheet(HTML) 59 Page - Microchip Technology

Back Button DSPIC33FJ32GP204TE/ML Datasheet HTML 55Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 56Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 57Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 58Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 59Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 60Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 61Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 62Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 403 page
background image
TABLE 4-24:
PARALLEL MASTER/SLAVE PORT REGISTER MAP FOR dsPIC33FJ128GP202/802, dsPIC33FJ64GP202/802 AND
dsPIC33FJ32GP302
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PMCON
0600
PMPEN
—
PSIDL
ADRMUX<1:0>
PTBEEN
PTWREN
PTRDEN
CSF1
CSF0
ALP
—
CS1P
BEP
WRSP
RDSP
0000
PMMODE
0602
BUSY
IRQM<1:0>
INCM<1:0>
MODE16
MODE<1:0>
WAITB<1:0>
WAITM<3:0>
WAITE<1:0>
0000
PMADDR
0604
ADDR15
CS1
ADDR<13:0>
0000
PMDOUT1
Parallel Port Data Out Register 1 (Buffers 0 and 1)
0000
PMDOUT2
0606
Parallel Port Data Out Register 2 (Buffers 2 and 3)
0000
PMDIN1
0608
Parallel Port Data In Register 1 (Buffers 0 and 1)
0000
PMPDIN2
060A
Parallel Port Data In Register 2 (Buffers 2 and 3)
0000
PMAEN
060C
—PTEN14
—
—
—
—
—
—
—
—
—
—
—
—
PTEN<1:0>
0000
PMSTAT
060E
IBF
IBOV
—
—
IB3F
IB2F
IB1F
IB0F
OBE
OBUF
—
—
OB3E
OB2E
OB1E
OB0E
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-25:
PARALLEL MASTER/SLAVE PORT REGISTER MAP FOR dsPIC33FJ128GP204/804, dsPIC33FJ64GP204/804 AND
dsPIC33FJ32GP304
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PMCON
0600
PMPEN
—
PSIDL
ADRMUX<1:0>
PTBEEN
PTWREN
PTRDEN
CSF1
CSF0
ALP
—
CS1P
BEP
WRSP
RDSP
0000
PMMODE
0602
BUSY
IRQM<1:0>
INCM<1:0>
MODE16
MODE<1:0>
WAITB<1:0>
WAITM<3:0>
WAITE<1:0>
0000
PMADDR
0604
ADDR15
CS1
ADDR<13:0>
0000
PMDOUT1
Parallel Port Data Out Register 1 (Buffers 0 and 1)
0000
PMDOUT2
0606
Parallel Port Data Out Register 2 (Buffers 2 and 3)
0000
PMDIN1
0608
Parallel Port Data In Register 1 (Buffers 0 and 1)
0000
PMPDIN2
060A
Parallel Port Data In Register 2 (Buffers 2 and 3)
0000
PMAEN
060C
—PTEN14
—
—
—
PTEN<10:0>
0000
PMSTAT
060E
IBF
IBOV
—
—
IB3F
IB2F
IB1F
IB0F
OBE
OBUF
—
—
OB3E
OB2E
OB1E
OB0E
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com