Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GP204TE/ML Datasheet(PDF) 252 Page - Microchip Technology

Part # DSPIC33FJ32GP204TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP204TE/ML Datasheet(HTML) 252 Page - Microchip Technology

Back Button DSPIC33FJ32GP204TE/ML Datasheet HTML 248Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 249Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 250Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 251Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 252Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 253Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 254Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 255Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 252
Preliminary
 2009 Microchip Technology Inc.
REGISTER 20-5:
RSCON: DCI RECEIVE SLOT CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RSE15
RSE14
RSE13
RSE12
RSE11
RSE10
RSE9
RSE8
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RSE7
RSE6
RSE5
RSE4
RSE3
RSE2
RSE1
RSE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RSE<15:0>: Receive Slot Enable bits
1
= CSDI data is received during the individual time slot n
0
= CSDI data is ignored during the individual time slot n
REGISTER 20-6:
TSCON: DCI TRANSMIT SLOT CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TSE15
TSE14
TSE13
TSE12
TSE11
TSE10
TSE9
TSE8
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TSE7
TSE6
TSE5
TSE4
TSE3
TSE2
TSE1
TSE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
TSE<15:0>: Transmit Slot Enable Control bits
1
= Transmit buffer contents are sent during the individual time slot n
0
= CSDO pin is tri-stated or driven to logic ‘0’, during the individual time slot, depending on the state
of the CSDOM bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com