Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GP204TE/ML Datasheet(PDF) 274 Page - Microchip Technology

Part # DSPIC33FJ32GP204TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP204TE/ML Datasheet(HTML) 274 Page - Microchip Technology

Back Button DSPIC33FJ32GP204TE/ML Datasheet HTML 270Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 271Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 272Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 273Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 274Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 275Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 276Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 277Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 278Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 274
Preliminary
 2009 Microchip Technology Inc.
23.1
Comparator Voltage Reference
23.1.1
CONFIGURING THE COMPARATOR
VOLTAGE REFERENCE
The voltage reference module is controlled through the
CVRCON register (Register 23-2). The comparator
voltage reference provides two ranges of output
voltage, each with 16 distinct levels. The range to be
used is selected by the CVRR bit (CVRCON<5>). The
primary difference between the ranges is the size of the
steps
selected
by
the
CVREF
Selection
bits
(CVR3:CVR0), with one range offering finer resolution.
The comparator reference supply voltage can come
from either VDD and VSS, or the external VREF+ and
VREF-. The voltage source is selected by the CVRSS
bit (CVRCON<4>).
The settling time of the comparator voltage reference
must be considered when changing the CVREF
output.
FIGURE 23-2:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
8R
R
CVREN
CVRSS = 0
AVDD
VREF+
CVRSS = 1
8R
CVRSS = 0
VREF-
CVRSS = 1
R
R
R
R
R
R
16 Steps
CVRR
CVREF
CVRCON<3:0>
AVSS
CVRSRC
CVRCON<CVROE>
CVREFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com