Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GP204TE/ML Datasheet(PDF) 287 Page - Microchip Technology

Part # DSPIC33FJ32GP204TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP204TE/ML Datasheet(HTML) 287 Page - Microchip Technology

Back Button DSPIC33FJ32GP204TE/ML Datasheet HTML 283Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 284Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 285Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 286Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 287Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 288Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 289Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 290Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 287
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
25.0
PROGRAMMABLE CYCLIC
REDUNDANCY CHECK (CRC)
GENERATOR
The programmable CRC generator offers the following
features:
• User-programmable polynomial CRC equation
• Interrupt output
• Data FIFO
25.1
Overview
The module implements a software configurable CRC
generator. The terms of the polynomial and its length
can be programmed using the CRCXOR (X<15:1>) bits
and the CRCCON (PLEN<3:0>) bits, respectively.
EQUATION 25-1:
CRC EQUATION
To program this polynomial into the CRC generator,
the CRC register bits should be set as shown in
Table 25-1.
TABLE 25-1:
EXAMPLE CRC SETUP
For the value of X<15:1>, the 12th bit and the 5th bit are
set to ‘1’, as required by the CRC equation. The 0th bit
required by the CRC equation is always XORed. For a
16-bit polynomial, the 16th bit is also always assumed
to be XORed; therefore, the X<15:1> bits do not have
the 0th bit or the 16th bit.
The topology of a standard CRC generator is shown in
Figure 25-2.
FIGURE 25-1:
CRC SHIFTER DETAILS
Note 1: This data sheet summarizes the features
of
the
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
families
of
devices. It is not intended to be a compre-
hensive reference source. To comple-
ment the information in this data sheet,
refer to “Section 36. Programmable
Cyclic
Redundancy
Check
(CRC)”
(DS70298) of the “dsPIC33F/PIC24H
Family Reference Manual”, which is avail-
able
from
the
Microchip
website
(www.microchip.com).
2: Some registers
and
associated bits
described in this section may not be avail-
able on all devices. Refer to Section 4.0
“Memory Organization” in this data
sheet for device-specific register and bit
information.
Bit Name
Bit Value
PLEN<3:0>
1111
X<15:1>
000100000010000
x
16
x
12
x
5
1
++
+
IN
OUT
BIT 0
0
1
p_clk
X1
IN
OUT
BIT 1
0
1
p_clk
X2
IN
OUT
BIT 2
0
1
p_clk
X3
IN
OUT
BIT 15
0
1
p_clk
X15
XOR
DOUT
01
2
15
PLEN<3:0>
Hold
Hold
Hold
Hold
CRC Read Bus
CRC Write Bus
CRC Shift Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com