Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GP204TE/ML Datasheet(PDF) 292 Page - Microchip Technology

Part # DSPIC33FJ32GP204TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP204TE/ML Datasheet(HTML) 292 Page - Microchip Technology

Back Button DSPIC33FJ32GP204TE/ML Datasheet HTML 288Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 289Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 290Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 291Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 292Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 293Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 294Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 295Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 296Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 292
Preliminary
 2009 Microchip Technology Inc.
REGISTER 26-1:
PMCON: PARALLEL PORT CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PMPEN
—
PSIDL
ADRMUX1
ADRMUX0
PTBEEN
PTWREN
PTRDEN
bit 15
bit 8
R/W-0
R/W-0
R/W-0(1)
U-0
R/W-0(1)
R/W-0
R/W-0
R/W-0
CSF1
CSF0
ALP
—
CS1P
BEP
WRSP
RDSP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PMPEN: Parallel Master Port Enable bit
1
= PMP enabled
0
= PMP disabled, no off-chip access performed
bit 14
Unimplemented: Read as ‘0’
bit 13
PSIDL: Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12-11
ADRMUX1:ADRMUX0: Address/Data Multiplexing Selection bits(1)
11
= Reserved
10
= All 16 bits of address are multiplexed on PMD<7:0> pins
01
= Lower 8 bits of address are multiplexed on PMD<7:0> pins, upper 3 bits are multiplexed on
PMA<10:8>
00
= Address and data appear on separate pins
bit 10
PTBEEN: Byte Enable Port Enable bit (16-bit Master mode)
1
= PMBE port enabled
0
= PMBE port disabled
bit 9
PTWREN: Write Enable Strobe Port Enable bit
1
= PMWR/PMENB port enabled
0
= PMWR/PMENB port disabled
bit 8
PTRDEN: Read/Write Strobe Port Enable bit
1
= PMRD/PMWR port enabled
0
= PMRD/PMWR port disabled
bit 7-6
CSF1:CSF0: Chip Select Function bits
11
= Reserved
10
= PMCS1 functions as chip select
0x
= PMCS1 functions as address bit 14
bit 5
ALP: Address Latch Polarity bit(1)
1
= Active-high (PMALL and PMALH)
0
= Active-low (PMALL and PMALH)
bit 4
Unimplemented: Read as ‘0’
bit 3
CS1P: Chip Select 1 Polarity bit(1)
1
= Active-high (PMCS1/PMCS1)
0
=Active-low (PMCS1/PMCS1)
bit 2
BEP: Byte Enable Polarity bit
1
= Byte enable active-high (PMBE)
0
= Byte enable active-low (PMBE)
Note 1: These bits have no effect when their corresponding pins are used as address lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com