Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GP204TE/ML Datasheet(PDF) 142 Page - Microchip Technology

Part # DSPIC33FJ32GP204TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP204TE/ML Datasheet(HTML) 142 Page - Microchip Technology

Back Button DSPIC33FJ32GP204TE/ML Datasheet HTML 138Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 139Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 140Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 141Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 142Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 143Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 144Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 145Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 142
Preliminary
 2009 Microchip Technology Inc.
9.1
CPU Clocking System
The dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/
X04, and dsPIC33FJ128GPX02/X04 devices provide
seven system clock options:
• Fast RC (FRC) Oscillator
• FRC Oscillator with Phase Locked Loop (PLL)
• Primary (XT, HS or EC) Oscillator
• Primary Oscillator with PLL
• Secondary (LP) Oscillator
• Low-Power RC (LPRC) Oscillator
• FRC Oscillator with postscaler
9.1.1
SYSTEM CLOCK SOURCES
The Fast RC (FRC) internal oscillator runs at a nominal
frequency of 7.37 MHz. User software can tune the
FRC frequency. User software can optionally specify a
factor (ranging from 1:2 to 1:256) by which the FRC
clock frequency is divided. This factor is selected using
the FRCDIV<2:0> (CLKDIV<10:8>) bits.
The primary oscillator can use one of the following as
its clock source:
• Crystal (XT): Crystals and ceramic resonators in
the range of 3 MHz to 10 MHz. The crystal is
connected to the OSC1 and OSC2 pins.
• High-Speed Crystal (HS): Crystals in the range of
10 MHz to 40 MHz. The crystal is connected to
the OSC1 and OSC2 pins.
• External Clock (EC): External clock signal is
directly applied to the OSC1 pin.
The secondary (LP) oscillator is designed for low power
and uses a 32.768 kHz crystal or ceramic resonator.
The LP oscillator uses the SOSCI and SOSCO pins.
The Low-Power RC (LPRC) internal oscIllator runs at a
nominal frequency of 32.768 kHz. It is also used as a
reference clock by the Watchdog Timer (WDT) and
Fail-Safe Clock Monitor (FSCM).
The clock signals generated by the FRC and primary
oscillators can be optionally applied to an on-chip PLL
to provide a wide range of output frequencies for device
operation.
PLL
configuration
is
described
in
Section 9.1.4 “PLL Configuration”.
The FRC frequency depends on the FRC accuracy
(see Table 30-19) and the value of the FRC Oscillator
Tuning register (see Register 9-4).
9.1.2
SYSTEM CLOCK SELECTION
The oscillator source used at a device Power-on
Reset event is selected using Configuration bit
settings. The oscillator Configuration bit settings are
located in the Configuration registers in the program
memory. (Refer
to Section 27.1
“Configuration
Bits”
for
further
details.)
The
Initial
Oscillator
Selection
Configuration
bits,
FNOSC<2:0>
(FOSCSEL<2:0>), and the Primary Oscillator Mode
Select
Configuration
bits,
POSCMD<1:0>
(FOSC<1:0>), select the oscillator source that is used
at a Power-on Reset. The FRC primary oscillator is
the default (unprogrammed) selection.
The Configuration bits allow users to choose among 12
different clock modes, shown in Table 9-1.
The output of the oscillator (or the output of the PLL if
a PLL mode has been selected) FOSC is divided by 2 to
generate the device instruction clock (FCY) and
peripheral clock time base (FP). FCY defines the
operating speed of the device, and speeds up to 40
MHz are supported by the dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04, and dsPIC33FJ128GPX02/
X04 architecture.
Instruction execution speed or device operating
frequency, FCY, is given by:
EQUATION 9-1:
DEVICE OPERATING
FREQUENCY
9.1.3
AUXILIARY OSCILLATOR
The Auxiliary Oscillator (AOSC) can be used for periph-
erals that need to operate at a frequency unrelated to
the system clock such as a Digital-to-Analog Converter
(DAC).
The Auxiliary Oscillator can use one of the following as
its clock source:
Crystal (XT): Crystal and ceramic resonators in the
range of 3 MHz to 10 MHz. The crystal is connected to
the SOCI and SOSCO pins.
High-Speed Crystal (HS): Crystals in the range of 10 to
40 MHz. The crystal is connected to the SOSCI and
SOSCO pins.
External Clock (EC): External clock signal up to
64 MHz. The external clock signal is directly applied to
SOSCI pin.
FCY = FOSC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com