Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS715A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A
Description  HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS715A Datasheet(HTML) 4 Page - Texas Instruments

  TPS715A Datasheet HTML 1Page - Texas Instruments TPS715A Datasheet HTML 2Page - Texas Instruments TPS715A Datasheet HTML 3Page - Texas Instruments TPS715A Datasheet HTML 4Page - Texas Instruments TPS715A Datasheet HTML 5Page - Texas Instruments TPS715A Datasheet HTML 6Page - Texas Instruments TPS715A Datasheet HTML 7Page - Texas Instruments TPS715A Datasheet HTML 8Page - Texas Instruments TPS715A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
_
+
Current
Sense
R1
R2
V(IN)
GND
V(OUT)
ILIM
Bandgap
Reference
Vref = 1.205 V
R2 = 840 k
_
+
Current
Sense
R1
R2
V(IN)
GND
V(OUT)
ILIM
Bandgap
Reference
Vref = 1.205 V
FB
TPS715Axx
SBVS047F – MAY 2004 – REVISED OCTOBER 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM—ADJUSTABLE VERSION
FUNCTIONAL BLOCK DIAGRAM—FIXED VERSION
Table 1. Pin Descriptions
TPS715Axx
DRB
DRV
NAME
FIXED
ADJ.
FIXED
ADJ.
DESCRIPTION
FB
5
4
Adjustable version. This terminal is used to set the output voltage.
GND
4, Pad
4, Pad
3, Pad
3, Pad
Ground
NC
2, 3, 5, 6, 7
2, 3, 6, 7
2, 4, 5
2, 5
No connection. May be left open or tied to Ground for improved thermal performance.
IN
1
1
1
1
Unregulated input voltage.
OUT
8
8
6
6
Regulated output voltage, any output capacitor
≥ 0.47μF can be used for stability.
4
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: TPS715Axx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com