Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS715A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A
Description  HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS715A Datasheet(HTML) 2 Page - Texas Instruments

  TPS715A Datasheet HTML 1Page - Texas Instruments TPS715A Datasheet HTML 2Page - Texas Instruments TPS715A Datasheet HTML 3Page - Texas Instruments TPS715A Datasheet HTML 4Page - Texas Instruments TPS715A Datasheet HTML 5Page - Texas Instruments TPS715A Datasheet HTML 6Page - Texas Instruments TPS715A Datasheet HTML 7Page - Texas Instruments TPS715A Datasheet HTML 8Page - Texas Instruments TPS715A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS715Axx
SBVS047F – MAY 2004 – REVISED OCTOBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
PRODUCT
VOUT
(2)
XX is nominal output voltage (for example 33 = 3.3V, 01 = Adjustable)
TPS715Axxyyz
YY is Package Designator
Z is Package Quantity
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Custom output voltages from 1.25V to 5.4V in 50mV increments are available on a quick-turn basis for prototyping. Production quantities
are available; minimum package order quantities apply. Contact factory for details and availability.
ABSOLUTE MAXIMUM RATINGS
Over operating temperature range, unless otherwise noted.
(1)
TPS715Axx
UNIT
VIN range
–0.3 to +24
V
Peak output current
Internally limited
ESD rating, HBM
2
kV
ESD rating, CDM
500
V
Continuous total power dissipation
See Power Dissipation Rating table
Junction temperature range, TJ
–40 to +150
°C
Storage temperature range
–65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
POWER DISSIPATION RATING TABLE
DERATING FACTOR
TA ≤ 25°C POWER
TA = +70°C POWER TA = +85°C POWER
BOARD
PACKAGE
RθJA°C/W
ABOVE TA = +25°C
RATING
RATING
RATING
High-K(1)
DRB
40
25.0mW/°C
2.50W
1.38W
1.00W
High-K(1)
DRV
65
15.4mW/°C
1.54W
0.85W
0.62W
(1)
The JEDEC High-K (2s2p) board design used to derive this data was a 3 inch × 3 inch, multilayer board with 1 ounce internal power and
ground planes and 2 ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: TPS715Axx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com