Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS715A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A
Description  HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS715A Datasheet(HTML) 5 Page - Texas Instruments

  TPS715A Datasheet HTML 1Page - Texas Instruments TPS715A Datasheet HTML 2Page - Texas Instruments TPS715A Datasheet HTML 3Page - Texas Instruments TPS715A Datasheet HTML 4Page - Texas Instruments TPS715A Datasheet HTML 5Page - Texas Instruments TPS715A Datasheet HTML 6Page - Texas Instruments TPS715A Datasheet HTML 7Page - Texas Instruments TPS715A Datasheet HTML 8Page - Texas Instruments TPS715A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
I
OUT − Current Limit − mA
0
100
200
300
400
500
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
V
IN = 4.3 V
V
OUT = 3.3 V
T
J - Junction Temperature - ° C
−40 −25 −10 5 20 35 50 65 80 95 110 125
1000
900
800
700
600
500
400
300
200
100
0
V
IN = 4.3 V
I
OUT = 80 mA
I
OUT = 10 mA
V
IN − Input Voltage − V
3
4
5
6
7
8
9 10 11 12 13 14 15
1400
1200
1000
800
600
400
200
0
T
J = +125_ C
T
J = +25_ C
T
J = −40_ C
f − Frequency − Hz
14
8
0
12
2
4
10
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 µF
TJ = 25°C
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
6
16
18
100
1 k
10 k
100 k
f − Frequency − Hz
IOUT = 1 mA
IOUT = 50 mA
0
1
2
3
4
5
6
7
8
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 µF
I
OUT − Output Current − mA
0
10
20
30
40
50
60
70
80
1000
900
800
700
600
500
400
300
200
100
0
V
IN = 4.3 V
T
J = +125_ C
T
J = +25_ C
T
J = −40_ C
2.0
2.5
3.0
3.5
4.0
4.5
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
VIN = 4.3 V
VOUT = 3.3 V
IOUT = 1 µF
I
OUT - Output Current - mA
0
10
20
30
40
50
60
70
80
3.465
3.432
3.399
3.366
3.333
3.300
3.267
3.234
3.201
3.168
3.135
V
IN = 4.3 V
T
J - Junction Temperature - ° C
−40 −25 −10 5 20 35 50 65 80 95 110 125
3.465
3.432
3.399
3.366
3.333
3.300
3.267
3.234
3.201
3.168
3.135
V
IN = 4.3 V
I
OUT = 10 mA
I
OUT = 80 mA
TPS715Axx
www.ti.com
SBVS047F – MAY 2004 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS
TPS715A33
TPS715A33
OUTPUT VOLTAGE
OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
OUTPUT SPECTRAL
TPS715A33
NOISE DENSITY
OUTPUT IMPEDANCE
DROPOUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT CURRENT
Figure 4.
Figure 5.
Figure 6.
TPS715A01
TPS715A33
DROPOUT VOLTAGE
DROPOUT VOLTAGE
CURRENT LIMIT
vs
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
VOUT
Figure 7.
Figure 8.
Figure 9.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS715Axx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com