Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS715A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A
Description  HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS715A Datasheet(HTML) 3 Page - Texas Instruments

  TPS715A Datasheet HTML 1Page - Texas Instruments TPS715A Datasheet HTML 2Page - Texas Instruments TPS715A Datasheet HTML 3Page - Texas Instruments TPS715A Datasheet HTML 4Page - Texas Instruments TPS715A Datasheet HTML 5Page - Texas Instruments TPS715A Datasheet HTML 6Page - Texas Instruments TPS715A Datasheet HTML 7Page - Texas Instruments TPS715A Datasheet HTML 8Page - Texas Instruments TPS715A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TPS715Axx
www.ti.com
SBVS047F – MAY 2004 – REVISED OCTOBER 2012
ELECTRICAL CHARACTERISTICS
Over operating junction temperature range (TJ = –40°C to +125°C), VIN = VOUT(NOM) + 1V, IOUT = 1mA, COUT = 1μF, unless
otherwise noted. The TPS715A01 is tested with VOUT = 2.8V. Typical values are at TJ = +25°C.
TPS715Axx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT = 10mA
2.5
24
Input voltage(1)
VIN
V
IOUT = 80mA
3
24
Voltage range
V
VOUT
1.2
15
(TPS715A01)
VOUT + 1.0V ≤ VIN ≤ 24V,
0.96 ×
1.04 ×
TPS715A01
VOUT(nom)
1.2V
≤ VOUT ≤ 15V, 0 ≤ IOUT ≤ 80mA
VOUT(nom)
VOUT(nom)
Output voltage accuracy(1)
V
TPS715A33
4.3V < VIN < 24V, 0 ≤ IOUT ≤ 80mA
3.135
3.3
3.465
Output voltage
ΔVOUT/ΔVIN
VOUT + 1V < VIN ≤ 24V
20
60
mV
line regulation(1)
Load regulation
ΔVOUT/ΔIOUT
IOUT = 100μA to 80mA
35
mV
Dropout voltage
VDO
IOUT = 80mA
670
1120
mV
VIN = VOUT(NOM) – 0.1V
Output current limit
ICL
VOUT = 0V
160
1100
mA
TJ = –40°C to +85°C, 0mA ≤ IOUT ≤ 80mA
3.2
4.2
Ground pin current
IGND
0mA
≤ IOUT ≤ 80mA
3.2
4.8
μA
VIN = 24V, 0mA ≤ IOUT ≤ 80mA
5.8
Power-supply ripple
PSRR
f = 100kHz, COUT = 10μF
60
dB
rejection
BW = 200Hz to 100kHz,
Output noise voltage
VIN
575
μVrms
COUT = 10μF, IOUT = 50mA
(1)
Minimum VIN = VOUT + VDO, or the value shown for Input voltage, whichever is greater.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS715Axx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com