Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS715A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A
Description  HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS715A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS715A Datasheet HTML 9Page - Texas Instruments TPS715A Datasheet HTML 10Page - Texas Instruments TPS715A Datasheet HTML 11Page - Texas Instruments TPS715A Datasheet HTML 12Page - Texas Instruments TPS715A Datasheet HTML 13Page - Texas Instruments TPS715A Datasheet HTML 14Page - Texas Instruments TPS715A Datasheet HTML 15Page - Texas Instruments TPS715A Datasheet HTML 16Page - Texas Instruments TPS715A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS715A01DRBR
SON
DRB
8
3000
367.0
367.0
35.0
TPS715A01DRBT
SON
DRB
8
250
210.0
185.0
35.0
TPS715A01DRBT-NM
SON
DRB
8
250
210.0
185.0
35.0
TPS715A01DRVR
SON
DRV
6
3000
195.0
200.0
45.0
TPS715A01DRVT
SON
DRV
6
250
195.0
200.0
45.0
TPS715A30DRVR
SON
DRV
6
3000
195.0
200.0
45.0
TPS715A30DRVT
SON
DRV
6
250
195.0
200.0
45.0
TPS715A33DRBR
SON
DRB
8
3000
367.0
367.0
35.0
TPS715A33DRBT
SON
DRB
8
250
210.0
185.0
35.0
TPS715A33DRVR
SON
DRV
6
3000
195.0
200.0
45.0
TPS715A33DRVT
SON
DRV
6
250
195.0
200.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Apr-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com