Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS715A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A
Description  HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS715A Datasheet(HTML) 1 Page - Texas Instruments

  TPS715A Datasheet HTML 1Page - Texas Instruments TPS715A Datasheet HTML 2Page - Texas Instruments TPS715A Datasheet HTML 3Page - Texas Instruments TPS715A Datasheet HTML 4Page - Texas Instruments TPS715A Datasheet HTML 5Page - Texas Instruments TPS715A Datasheet HTML 6Page - Texas Instruments TPS715A Datasheet HTML 7Page - Texas Instruments TPS715A Datasheet HTML 8Page - Texas Instruments TPS715A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
OUT
NC
NC
FB/NC
IN
NC
NC
GND
DRBPACKAGE
3mmx3mmSON
(TOPVIEW)
TPS715A33
OUT
IN
GND
MSP430
Li+
OUT
NC
FB/NC
IN
NC
GND
DRVPACKAGE
2mmx2mmSON
(TOPVIEW)
TPS715Axx
www.ti.com
SBVS047F – MAY 2004 – REVISED OCTOBER 2012
HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
LDO LINEAR REGULATORS
Check for Samples: TPS715Axx
1
FEATURES
DESCRIPTION
The
TPS715Axx
low-dropout
(LDO)
voltage
2
24V Maximum Input Voltage
regulators offer the benefits of high input voltage, low-
Low 3.2
μA Quiescent Current at 80mA
dropout
voltage,
low-power
operation,
and
Stable With Any Capacitor (> 0.47
μF)
miniaturized packaging. The devices, which operate
over an input range of 2.5V to 24V, are stable with
80mA Specified Current
any capacitor (
≥ 0.47μF). The high maximum input
Available in Fixed and Adjustable (1.2V to 15V)
voltage combined with excellent power dissipation
Versions
capability makes this part particularly well-suited to
Specified Current Limit
industrial and automotive applications.
3mm × 3mm and 2mm x 2mm SON Packages
A PMOS pass element behaves as a low-value
–40°C to +125°C Specified Junction
resistor. The low dropout voltage, typically 670mV at
80mA of load current, is directly proportional to the
Temperature Range
load current. The low quiescent current (3.2
μA
For MSP430-Specific Output Voltages See the
typically) is nearly constant over the entire range of
TPS715xx
output load current (0mA to 80mA).
The TPS715Axx is available in 3mm x 3mm package
APPLICATIONS
ideal for high power dissipation and small 2mm x
Ultralow Power Microcontrollers
2mm package ideal for handheld and ultra-portable
Industrial/Automotive Applications
applications. The 3mm × 3mm package is also
available as a non-magnetic package for medical
PDAs
imaging applications.
Portable, Battery-Powered Equipment
Medical Imaging
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS715A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A TI1-TPS715A Datasheet
6Mb / 39P
TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI2-TPS715A-NM Datasheet
792Kb / 21P
TPS715A-NM 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
JUNE 2017
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
TPS715A01DRBR TI1-TPS715A01DRBR Datasheet
820Kb / 20P
HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
More results

Similar Description - TPS715A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
Rohm
BP5034B20 ROHM-BP5034B20 Datasheet
317Kb / 3P
AC100V input, 20V/80mA output
BP5041B15 ROHM-BP5041B15 Datasheet
285Kb / 3P
AC220V input, 15V/80mA output
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS715AXX TI1-TPS715AXX Datasheet
820Kb / 20P
HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM7530HB HMSEMI-HM7530HB Datasheet
194Kb / 2P
High Input Micropower Linear Regulator
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
High Input Micropower Linear Regulator
HM7550HB HMSEMI-HM7550HB Datasheet
222Kb / 2P
High Input Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com