Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2528 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2528 Datasheet HTML 4Page - STMicroelectronics AN2528 Datasheet HTML 5Page - STMicroelectronics AN2528 Datasheet HTML 6Page - STMicroelectronics AN2528 Datasheet HTML 7Page - STMicroelectronics AN2528 Datasheet HTML 8Page - STMicroelectronics AN2528 Datasheet HTML 9Page - STMicroelectronics AN2528 Datasheet HTML 10Page - STMicroelectronics AN2528 Datasheet HTML 11Page - STMicroelectronics AN2528 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Parasitic capacitances and related issues
AN2528
8/21
3
Parasitic capacitances and related issues
In a flyback converter stage it is important to take into account the parasitic capacitances
since their influence may affect the correct operation of the converter itself. Figure 2 shows
the small signal equivalent model of a main switch, transformer and main parasitic effects.
The parasitic capacitances between the ESBT collector and ground are mainly due to three
components (see Figure 2):
1.
C1, the primary inter-winding capacitance;
2.
C2, the intrinsic capacitance of ESBT between its collector and source;
3.
C3, the parasitic capacitance between the collector of the ESBT and the heat-sink.
Usually transistors are mounted on a heat-sink by interposing an insulation layer. The heat-
sink has to be grounded either for safety reasons, or to minimize the RFI. The resulting total
parasitic capacitance C is equal to C1 + C2 +C3. C may be large enough to produce
additional and non-negligible switch-on power dissipation. Large parasitic capacitances may
cause ringing and produce noise problems. The effect of parasitic capacitances is worse at
higher input voltages, like those observed in a 3-phase power supply.
Figure 3.
The small signal equivalent circuit
Considering that the power managed by the system is low, another goal to achieve is to
keep the power dissipation very low on every part on the system. Our target is to get less
than 1.5 W power loss on the switch. Achieving this target leads to two benefits: high
efficiency and no need of heat-sink (cost reduction).
Therefore the effect of C3 must not be considered in this case. C2 is related only to
additional power dissipation during switch-on and does not affect system stability. C1 has
the most important effect on flyback converter design. We have only two ways to reduce C1:
1.
Parasitic transformer inter-winding capacitance
2.
Layout parasitic capacitance
Care is needed when designing the layout and building the transformer.
ESBT
T
Heatsink
+
Cbus
ESBT
T
C2
C1
C3
Heatsink
ESBT
T
C2
C1
C3
Insulaion Pad
Ic2
Ic3
Ic1
Ic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com