Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2528 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2528 Datasheet HTML 13Page - STMicroelectronics AN2528 Datasheet HTML 14Page - STMicroelectronics AN2528 Datasheet HTML 15Page - STMicroelectronics AN2528 Datasheet HTML 16Page - STMicroelectronics AN2528 Datasheet HTML 17Page - STMicroelectronics AN2528 Datasheet HTML 18Page - STMicroelectronics AN2528 Datasheet HTML 19Page - STMicroelectronics AN2528 Datasheet HTML 20Page - STMicroelectronics AN2528 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Bill of materials
AN2528
18/21
Appendix A
Bill of materials
Table 3.
Bill of materials
Reference
Qty
Value/part number
Description
C1
1
330 µF / 25V
Electrolytic capacitor
C2, C3, C4
3
33 µF / 450V
Electrolytic capacitor
C5
1
.0022 µF
ceramic capacitor,
440 Vac, 2 KV
C6, C7
2
10 nF / 50 V
ceramic capacitor, 50 V, X7R
C8
1
3.3 nF / 50 V
ceramic capacitor, 50 V, X7R
C9
1
4.7 nF / 50 V
ceramic capacitor, 50 V, X7R
C10
1
47 µF / 25 V
Electrolytic capacitor
C11
1
22 µF / 25 V
Electrolytic capacitor
D1, D2, D4, D5
4
STTH112U
STMicroelectronics, diode rectifier, 1200 V, 1 A
D3
1
STPS3L60
STMicroelectronics, diode power schottky, 60 V, 3 A
D6, D7
2
LL4148
SMD 1206
F1
1
TR5Fuse
Serie TR5 250 mA / 250 V
ISO1
1
H11A817
Phototransistor Optocouplers, Fairchild
J1
1
Phoenix 3 pin
J2
1
Phoenix 2 pin
L1
1
M600X
Radiali, 470 µH
Q1
1
STC04IE170HP
STMicroelectronics, emitter switched Bipolar transistor,
4 A, 1700 V
R1, R2, R3, R7, R9, R10
6
100 K
SMD 1206
R4, R5
2
1 M
SMD 1206
R6
1
1
SMD 1206
R8
1
47 K
SMD 1206
R11
1
1.5 K
SMD 1206
R12
1
10
SMD 1206
R13
1
22
SMD 1206
R14
1
11 K
SMD 1206
R15
1
1.2 K
SMD 1206
R17
1
4.7 K
SMD 1206
R18
1
22 K
SMD 1206
R21
1
2.4 K
SMD 1206
R22
1
330
SMD 1206
R23
1
4.7 / 1/2 W
Resistor, carbon film, 350 V, 0.5 W, 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com