Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2528 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2528 Datasheet HTML 5Page - STMicroelectronics AN2528 Datasheet HTML 6Page - STMicroelectronics AN2528 Datasheet HTML 7Page - STMicroelectronics AN2528 Datasheet HTML 8Page - STMicroelectronics AN2528 Datasheet HTML 9Page - STMicroelectronics AN2528 Datasheet HTML 10Page - STMicroelectronics AN2528 Datasheet HTML 11Page - STMicroelectronics AN2528 Datasheet HTML 12Page - STMicroelectronics AN2528 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AN2528
Base drive circuit design
9/21
4
Base drive circuit design
Let's have a closer look at the very simple base drive network used in this application.
Normally in applications such SMPS, where the load is variable, the collector current varies
as well. It is very important to provide a base current to the device that is correlated with the
collector current in order to avoid the over saturation of the device at low load and to
optimize its performance in terms of power dissipation. This implies the use of a driving
network which allows getting a base current proportional to the collector current. For
additional information about the ESBT proportional base driving method, refer to AN2131.
Since in our application we must take into account power dissipation and simplicity as well,
we have preferred the simplest and least expensive driving network which is shown in
Figure 4. This choice also satisfies power dissipation requirements.
To set the RCC value some considerations must be done. First of all, refer to the hFE curve of
STC04IE170HP (Figure 5).
Figure 4.
ESBT base driving network
Referring to the calculations in Section 2, the collector peak current is 250 mA. At this
current value the ESBT gain is about 20, so that theoretically just 250 / 20 = 12.5 mA should
be enough to drive the base. This is true for very long conduction time. In the present
example the dynamic phenomenon can occur due to the relatively high switching frequency
(higher than 50 kHz) and even more to the small conduction time.
This concept is illustrated in Figure 6. It is extracted from the STC04IE170HP datasheet and
shows that, right after the turn-on, the VCS needs some time to reach the VCSSAT value. This
time is proportional to the collector current amount. That is why a peak base current is
absolutely mandatory to have a low voltage drop during conduction as soon as possible.
For further details about the driving network, please refer to AN2454.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com