Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2528 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2528 Datasheet HTML 7Page - STMicroelectronics AN2528 Datasheet HTML 8Page - STMicroelectronics AN2528 Datasheet HTML 9Page - STMicroelectronics AN2528 Datasheet HTML 10Page - STMicroelectronics AN2528 Datasheet HTML 11Page - STMicroelectronics AN2528 Datasheet HTML 12Page - STMicroelectronics AN2528 Datasheet HTML 13Page - STMicroelectronics AN2528 Datasheet HTML 14Page - STMicroelectronics AN2528 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AN2528
Experimental results: waveforms
11/21
Ten is big enough to remove any ringing and the additional power dissipation on it is
practically negligible due to the very low current flowing through it. Finally, knowing that Vcc
is about 15 V:
Equation 14
After bench verification a final RCC of 2.2 kΩ has been fixed. A smaller base current than the
forecasted one flows into the base (higher IC/IB ratio) compensated by a higher base current
during the peak (much lower IC/IB ratio for a very short time).
5
Experimental results: waveforms
The following figures show the main waveforms in steady state condition at full load. Notice
the behavior of the base current with an initial high peak pulse needed to minimize the effect
of the dynamic saturation voltage.
Figure 7.
110 Vac input voltage overall1
Figure 8.
110 Vac input voltage overall2
R
CC
15V
12.5mA
---------------------
1.2K
Ω
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com