Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2528 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2528 Datasheet HTML 1Page - STMicroelectronics AN2528 Datasheet HTML 2Page - STMicroelectronics AN2528 Datasheet HTML 3Page - STMicroelectronics AN2528 Datasheet HTML 4Page - STMicroelectronics AN2528 Datasheet HTML 5Page - STMicroelectronics AN2528 Datasheet HTML 6Page - STMicroelectronics AN2528 Datasheet HTML 7Page - STMicroelectronics AN2528 Datasheet HTML 8Page - STMicroelectronics AN2528 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
July 2007
Rev 1
1/21
AN2528
Application note
Very wide input voltage range 6 W SMPS for metering
Introduction
This document presents the design of a universal input power supply for metering
applications. The design is mainly based on the following ST parts: an L6565 PWM driver
and STC04IE170HP as the main switch. It is linked with the release of the STEVAL-
IP001Vxx demo board (see Figure 1 below). The design is a complete solution for a 5 W
single output SMPS, which is widely used as a power supply in metering applications.
However the design method can be applied to an SMPS suitable for other applications
working on a three-phase mains and it can easily be upgraded for higher output power.
The ESBT base driving circuit as well as guidelines for the optimization of the power
dissipation are given.
The influence of parasitic capacitances of the transformer on the ESBT is also explained in
detail.
Finally, the most important waveforms and thermal results are given in Section 5 and
Section 6. They demonstrate the benefits of using a QR flyback with ESBT.
Refer to AN1889 and AN2254 for the overall design of an auxiliary power supply using
ESBT in flyback QR with L6565, while refer to AN2454 for the small signal power switch
model with all parasitic components.
Figure 1.
STEVAL-ISA030V1
www.st.com


Similar Part No. - AN2528

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN2528 FREESCALE-AN2528 Datasheet
654Kb / 28P
Standard Space Vector Modulation TPU Function Set (svmStd)
AN2528D FREESCALE-AN2528D Datasheet
654Kb / 28P
Standard Space Vector Modulation TPU Function Set (svmStd)
More results

Similar Description - AN2528

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
STMicroelectronics
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
17-Feb-2009
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
AN2844 STMICROELECTRONICS-AN2844 Datasheet
1Mb / 37P
15 W wide range SMPS for metering
13-Mar-2009
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
Wide input voltage range
Rev 21 Jan 2014 15:09
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
6 W 3-phase SMPS for metering evaluation board
06-Dec-2007
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
Offline converter for wide range input voltage
09-Jan-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com